Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS6413CSX Datasheet (PDF) - Fairchild Semiconductor

FMS6413CSX Datasheet PDF - Fairchild Semiconductor
Part # FMS6413CSX
Download  FMS6413CSX Download
File Size   31.79 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single Channel Video Driver with Integrated Filter and Clamp

FMS6413CSX Datasheet (PDF)

Go To PDF Page Download Datasheet
FMS6413CSX Datasheet PDF - Fairchild Semiconductor

Part # FMS6413CSX
Download  FMS6413CSX Click to download

File Size   31.79 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single Channel Video Driver with Integrated Filter and Clamp

FMS6413CSX Datasheet (HTML) - Fairchild Semiconductor


FMS6413CSX Product details

General Description
The FMS6413 Single Channel Video Filter – Driver Chip offers comprehensive video filtering for set top box or DVD applications. This part consists of a 4th order video Low Pass filter for video filtering. This device integrates a video driver so that it can directly drive to the outside world. There is also an integrated clamp circuit that allows the part to DC restore.
The video output is filtered at 7.1MHz and buffered to drive 2Vp-p into an AC coupled 150Ω load with up to 35pF of load capacitance at the output pin. The filter approximates a 4th-order Butterworth characteristic with an optimization toward low overshoot and flat group delay. Likewise, the driver is capable of driving a 75Ω load at 1Vp-p. There is an option for the video output to be DC coupled which limits the drive to 1 output.

Video Features
• Integrated Video Low Pass reconstruction filter
• Integrated output driver provides a low impedance output
   and delivers 2Vp-p (6dB gain) composite video into 150Ω.
• 7.1MHz 4th order video filter
• 0.4% differential gain with 0.4° differential phase
• Integrated DC Restore / Clamp Circuitry

Applications
• CCTV
• DVD players
• Televisions
• HDTV
• Personal Video Recorders (PVRs)
• Video On Demand (VOD)
• Cable and Satellite Set top boxes




Similar Part No. - FMS6413CSX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6410 FAIRCHILD-FMS6410 Datasheet
317Kb / 9P
Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6410 FAIRCHILD-FMS6410 Datasheet
110Kb / 9P
Dual Channel Video Drivers with Integrated Filters
FMS6410B FAIRCHILD-FMS6410B Datasheet
78Kb / 8P
Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6410B FAIRCHILD-FMS6410B Datasheet
214Kb / 8P
Dual-Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6410B FAIRCHILD-FMS6410B Datasheet
125Kb / 3P
Capacitor Selection for the FMS6410B S-Video Filter
More results


Similar Description - FMS6413CSX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59831 INTERSIL-ISL59831 Datasheet
613Kb / 11P
Single Supply Video Driver with Reconstruction Filter and Charge Pump
March 29, 2007
logo
ON Semiconductor
NCS2561 ONSEMI-NCS2561 Datasheet
508Kb / 11P
3.3V Single Channel Video Driver with Recontruction Filter and SAG Correction
February, 2008 - Rev. 1
logo
Analog Devices
ADA4411-3 AD-ADA4411-3_15 Datasheet
398Kb / 16P
Integrated Triple Video Filter and Buffer with Selectable
REV. 0
logo
SG Micro Corp
SGM9131 SGMICRO-SGM9131 Datasheet
305Kb / 11P
3-Channel, Video Filter Driver
SGM9132 SGMICRO-SGM9132 Datasheet
309Kb / 11P
3-Channel, Video Filter Driver
SGM9133 SGMICRO-SGM9133 Datasheet
387Kb / 13P
4-Channel, Video Filter Driver
SGM9152 SGMICRO-SGM9152 Datasheet
461Kb / 12P
Single Channel, Video Filter
SGM9154 SGMICRO-SGM9154 Datasheet
503Kb / 14P
Single Channel, Video Filter Driver
SGM9155 SGMICRO-SGM9155 Datasheet
504Kb / 13P
Single Channel, Video Filter Driver
logo
Renesas Technology Corp
ISL59831 RENESAS-ISL59831 Datasheet
979Kb / 12P
Single Supply Video Driver with Reconstruction Filter and Charge Pump
Mar 29, 2007
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com