Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7896ANZ Datasheet (PDF) - Analog Devices

AD7896ANZ Datasheet PDF - Analog Devices
Part # AD7896ANZ
Download  AD7896ANZ Download
File Size   1576.65 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP

AD7896ANZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7896ANZ Datasheet PDF - Analog Devices

Part # AD7896ANZ
Download  AD7896ANZ Click to download

File Size   1576.65 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP

AD7896ANZ Datasheet (HTML) - Analog Devices


AD7896ANZ Product details

GENERAL DESCRIPTION
The AD7896 is a fast, 12-bit ADC that operates from a single 2.7 V to 5.5 V supply and is housed in small 8-lead PDIP and 8-lead SOIC packages. The part contains an 8 µs successive approximation ADC, an on-chip track-and-hold amplifier, an on-chip clock, and a high speed serial interface.
Output data from the AD7896 is provided via a high speed, serial interface port. This 2-wire serial interface has a serial clock input and a serial data output with the external serial clock accessing the serial data from the part.
In addition to the traditional dc accuracy specifications, such as linearity, full-scale, and offset errors, the AD7896 is also specified for dynamic performance parameters, including harmonic distortion and signal-to-noise ratio.
The part accepts an analog input range of 0 V to VDD and operates from a single 2.7 V to 5.5 V supply, consuming only 9 mW typical. The VDD input is also used as the reference for the part so that no external reference is required.
The AD7896 features a high sampling rate mode and, for low power applications, a proprietary automatic power-down mode where the part automatically goes into power-down once conver sion is complete and “wakes up” before the next conversion cycle.
The part is available in a small, 8-lead, 0.3 wide, plastic or hermetic dual-in-line package (PDIP) and in an 8-lead, small outline IC (SOIC).

FEATURES
  100 kHz Throughput Rate
  Fast 12-Bit Sampling ADC with 8 μs Conversion Time
  8-Lead PDIP and SOIC
  Single 2.7 V to 5.5 V Supply Operation
  High Speed, Easy-to-Use Serial Interface
  On-Chip Track-and-Hold Amplifier
  Analog Input Range Is 0 V to Supply
  High Input Impedance
  Low Power: 9 mW Typ




Similar Part No. - AD7896ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7896ANZ AD-AD7896ANZ Datasheet
1Mb / 15P
2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7896ANZ AD-AD7896ANZ Datasheet
1Mb / 16P
2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
23-Feb-2017
More results


Similar Description - AD7896ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7810 AD-AD7810 Datasheet
142Kb / 11P
2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP
REV.A
AD7823 AD-AD7823 Datasheet
155Kb / 11P
2.7 V to 5.5 V, 4.5 us, 8-Bit ADC in 8-Lead microSOIC/DIP
REV.B
AD7896 AD-AD7896 Datasheet
367Kb / 12P
2.7 V to 5.5 V, 12-Bit, 8 us ADC in 8-Pin SO/DIP
REV.B
AD7896JRZ AD-AD7896JRZ Datasheet
1Mb / 15P
2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7823YRM-REEL AD-AD7823YRM-REEL Datasheet
146Kb / 11P
2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. C
AD7810YRZ-REEL7 AD-AD7810YRZ-REEL7 Datasheet
144Kb / 11P
2.7 V to 5.5 V, 2.3 s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7810 AD-AD7810_15 Datasheet
160Kb / 11P
2.7 V to 5.5 V, 2.3s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7823 AD-AD7823_15 Datasheet
156Kb / 11P
2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. C
AD7896 AD-AD7896_15 Datasheet
1Mb / 15P
2.7 V to 5.5 V, 12-Bit, 8s ADC in 8-Lead SOIC/PDIP
REV. D
AD7896 AD-AD7896_17 Datasheet
1Mb / 16P
2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com