Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF7023BCPZ Datasheet (PDF) - Analog Devices

ADF7023BCPZ Datasheet PDF - Analog Devices
Part # ADF7023BCPZ
Download  ADF7023BCPZ Download
File Size   1611.28 Kbytes
Page   112 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC

ADF7023BCPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF7023BCPZ Datasheet PDF - Analog Devices

Part # ADF7023BCPZ
Download  ADF7023BCPZ Click to download

File Size   1611.28 Kbytes
Page   112 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC

ADF7023BCPZ Datasheet (HTML) - Analog Devices


ADF7023BCPZ Product details

GENERAL DESCRIPTION

The ADF7023 is a very low power, high performance, highly integrated 2FSK/GFSK/OOK/MSK/GMSK transceiver designed for operation in the 862 MHz to 928 MHz and 431 MHz to 464 MHz frequency bands, which cover the worldwide license free ISM bands at 433 MHz, 868 MHz, and 915 MHz. It is suitable for circuit applications that operate under the European ETSI EN300-220, the North American FCC (Part 15), the Chinese short range wireless regulatory standards, or other similar regional standards. Data rates from 1 kbps to 300 kbps are supported.



FEATURES

Ultralow power, high performance transceiver

Frequency bands

  862 MHz to 928 MHz

  431 MHz to 464 MHz

Data rates supported

  1 kbps to 300 kbps

2.2 V to 3.6 V power supply

Single-ended and differential PAs

Low IF receiver with programmable IF bandwidths 100 kHz, 150 kHz, 200 kHz, 300 kHz

Receiver sensitivity (BER)

−116 dBm at 1.0 kbps, 2FSK, GFSK

−107.5 dBm at 38.4 kbps, 2FSK, GFSK

−102.5 dBm at 150 kbps, GFSK, GMSK

−100 dBm at 300 kbps, GFSK, GMSK

−104 dBm at 19.2 kbps, OOK

Very low power consumption

  12.8 mA in PHY_RX mode (maximum front-end gain)

  24.1 mA in PHY_TX mode (10 dBm output, single-ended PA)

  0.75 µA in PHY_SLEEP mode (32 kHz RC oscillator active)

  1.28 µA in PHY_SLEEP mode (32 kHz XTAL oscillator active)

  0.33 µA in PHY_SLEEP mode (Deep Sleep Mode 1)




Similar Part No. - ADF7023BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7023BCPZ AD-ADF7023BCPZ Datasheet
1Mb / 112P
High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
7/12-Rev. B to Rev. C
ADF7023BCPZ-RL AD-ADF7023BCPZ-RL Datasheet
1Mb / 112P
High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
7/12-Rev. B to Rev. C
More results


Similar Description - ADF7023BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV.0
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV.0
ADF7023-J AD-ADF7023-J Datasheet
1Mb / 100P
High Performance, Low Power, ISM Band FSK/GFSK/MSK/GMSK Transceiver IC
REV. 0
ADF7901 AD-ADF7901_06 Datasheet
171Kb / 12P
High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
High Performance ISM Band OOK/FSK Transmitter IC
REV. A
logo
ON Semiconductor
NCV53480 ONSEMI-NCV53480 Datasheet
542Kb / 60P
Low-Power OOK/FSK/ASK ISM Band Transceiver
August, 2013 ??Rev. 6
logo
Analog Devices
ADF7023 AD-ADF7023 Datasheet
1Mb / 112P
High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
7/12-Rev. B to Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com