Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM695SQ Datasheet (PDF) - Analog Devices

ADM695SQ Datasheet PDF - Analog Devices
Part # ADM695SQ
Download  ADM695SQ Download
File Size   291.17 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Microprocessor Supervisory Circuits

ADM695SQ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM695SQ Datasheet PDF - Analog Devices

Part # ADM695SQ
Download  ADM695SQ Click to download

File Size   291.17 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Microprocessor Supervisory Circuits

ADM695SQ Datasheet (HTML) - Analog Devices


ADM695SQ Product details

GENERAL DESCRIPTION
The ADM690–ADM695 family of supervisory circuits offers complete single chip solutions for power supply monitoring and battery control functions in microprocessor systems. These functions include µP reset, backup battery switchover, watchdog timer, CMOS RAM write protection, and power failure warn ing. The complete family provides a variety of configurations to satisfy most microprocessor system requirements.

FEATURES
   Superior Upgrade for MAX690–MAX695
   Specified Over Temperature
   Low Power Consumption (5 mW)
   Precision Voltage Monitor
   Reset Assertion Down to 1 V VCC
   Low Switch On-Resistance 1.5 V Normal, 20 Ω in Backup
   High Current Drive (100 mA)
   Watchdog Timer—100 ms, 1.6 s, or Adjustable
   600 nA Standby Current
   Automatic Battery Backup Power Switching
   Extremely Fast Gating of Chip Enable Signals (5 ns)
   Voltage Monitor for Power Fail

APPLICATIONS
   Microprocessor Systems
   Computers
   Controllers
   Intelligent Instruments
   Automotive Systems




Similar Part No. - ADM695SQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM695SQ AD-ADM695SQ Datasheet
284Kb / 16P
Microprocessor Supervisory Circuits
REV.A
ADM695SQ AD-ADM695SQ Datasheet
199Kb / 16P
Microprocessor Supervisory Circuits
REV.A
ADM695SQ AD-ADM695SQ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM695SQ AD-ADM695SQ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM695SQ AD-ADM695SQ Datasheet
175Kb / 16P
Microprocessor Supervisory Circuits
REV. A
More results


Similar Description - ADM695SQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
Microprocessor Supervisory Circuits
REV.0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
Microprocessor Supervisory Circuits
REV.0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
Microprocessor Supervisory Circuits
REV.0
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM691AARN-REEL7 AD-ADM691AARN-REEL7 Datasheet
344Kb / 12P
Microprocessor Supervisory Circuits
REV. 0
ADM691ARZ AD-ADM691ARZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
Microprocessor Supervisory Circuits
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com