Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR760 Datasheet (PDF) - Motorola, Inc

MR760 Datasheet PDF - Motorola, Inc
Part # MR760
Download  MR760 Download
File Size   188.7 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HIGH CURRENT LEAD MOUNTED SILICON RECTIFIERS 50-1000 VOLTS DIFFUSED JUNCTION

MR760 Datasheet (PDF)

Go To PDF Page Download Datasheet
MR760 Datasheet PDF - Motorola, Inc

Part # MR760
Download  MR760 Click to download

File Size   188.7 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HIGH CURRENT LEAD MOUNTED SILICON RECTIFIERS 50-1000 VOLTS DIFFUSED JUNCTION

MR760 Datasheet (HTML) - Motorola, Inc


MR760 Product details

HIGH CURRENT LEAD MOUNTED SILICON RECTIFIERS 50–1000 VOLTS DIFFUSED JUNCTION

• Current Capacity Comparable to Chassis Mounted Rectifiers
• Very High Surge Capacity
• Insulated Case

Mechanical Characteristics:
• Case: Epoxy, Molded
• Weight: 2.5 grams (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal Lead is Readily Solderable
• Lead Temperature for Soldering Purposes: 260°C Max. for 10 Seconds
• Polarity: Cathode Polarity Band
• Shipped 1000 units per plastic bag. Available Tape and Reeled, 800 units per reel by adding a “RL’’ suffix to the part number
• Marking: R750, R751, R752, R754, R758, R760




Similar Part No. - MR760

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MR760 ONSEMI-MR760 Datasheet
96Kb / 7P
High Current Lead Mounted Rectifiers
March, 2007 ??Rev. 6
logo
SUNMATE electronic Co.,...
MR760 SUNMATE-MR760 Datasheet
217Kb / 2P
6.0A Axial Leaded Silicon Rectifier
logo
Shanghai Shunye Electro...
MR760 SHUNYE-MR760 Datasheet
274Kb / 1P
AUTONOTIVE OPEN JUNCTION BUTTON DIODE
logo
New Jersey Semi-Conduct...
MR760 NJSEMI-MR760 Datasheet
89Kb / 1P
High Current Lead Mounted Rectifiers
logo
EIC discrete Semiconduc...
MR760 EIC-MR760 Datasheet
108Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
More results


Similar Description - MR760

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CM1500 PANJIT-CM1500 Datasheet
36Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 1000 Volts CURRENT - 15 Amperes)
CM1500W PANJIT-CM1500W Datasheet
40Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 1000 Volts CURRENT - 15 Amperes)
logo
Micro Commercial Compon...
GP10A MCC-GP10A Datasheet
84Kb / 3P
1.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
GP15A MCC-GP15A Datasheet
80Kb / 3P
1.5 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
GP30A MCC-GP30A Datasheet
80Kb / 3P
3.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
logo
ON Semiconductor
MR750 ONSEMI-MR750 Datasheet
96Kb / 7P
High Current Lead Mounted Rectifiers
March, 2007 ??Rev. 6
logo
Weitron Technology
1N5400 WEITRON-1N5400 Datasheet
350Kb / 3P
Axial Lead Silicon Rectifiers SILICON RECTIFIERS 3.0 AMPERES 50-1000 VOLTS
logo
New Jersey Semi-Conduct...
1N2069 NJSEMI-1N2069 Datasheet
129Kb / 1P
DIFFUSED-JUNCTION SILICON RECTIFIERS
1N5391 NJSEMI-1N5391 Datasheet
117Kb / 1P
LEAD-MOUNTED SILICON RECTIFIERS ( 50-1000 VOLTS DIFFUSED JUNCTION )
MR750 NJSEMI-MR750 Datasheet
89Kb / 1P
High Current Lead Mounted Rectifiers
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com