Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTA114EU.115 Datasheet (PDF) - NXP Semiconductors

PDTA114EU.115 Datasheet PDF - NXP Semiconductors
Part # PDTA114EU.115
Download  PDTA114EU.115 Download
File Size   728.79 Kbytes
Page   17 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PNP Resistor-Equipped Transistor (RET) family in small Surface-Mounted Device (SMD) plastic packages.

PDTA114EU.115 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTA114EU.115 Datasheet PDF - NXP Semiconductors

Part # PDTA114EU.115
Download  PDTA114EU.115 Click to download

File Size   728.79 Kbytes
Page   17 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PNP Resistor-Equipped Transistor (RET) family in small Surface-Mounted Device (SMD) plastic packages.

PDTA114EU.115 Datasheet (HTML) - NXP Semiconductors


PDTA114EU.115 Product details

General description

PNP Resistor-Equipped Transistor (RET) family in small Surface-Mounted Device (SMD) plastic packages.



Features and benefits

■ 100 mA output current capability

■ Built-in bias resistors

■ Simplifies circuit design

■ Reduces component count

■ Reduces pick and place costs

■ AEC-Q101 qualified



Applications

■ Digital application in automotive and industrial segments

■ Cost-saving alternative for BC847/857 series in digital applications

■ Control of IC inputs

■ Switching loads



 




Similar Part No. - PDTA114EU.115

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA114EU PHILIPS-PDTA114EU Datasheet
58Kb / 8P
PNP resistor-equipped transistor
1999 Apr 13
PDTA114EU PHILIPS-PDTA114EU Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PDTA114EU NXP-PDTA114EU Datasheet
181Kb / 14P
PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
2004 Aug 02
logo
Nexperia B.V. All right...
PDTA114EU NEXPERIA-PDTA114EU Datasheet
1Mb / 17P
NPN resistor-equipped transistors; R1 = 10 k, R2 = 10 k
Rev. 12 - 21 December 2011
PDTA114EU-Q NEXPERIA-PDTA114EU-Q Datasheet
224Kb / 10P
50 V, 100 mA PNP resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
7 February 2023
More results


Similar Description - PDTA114EU.115

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA114EK PHILIPS-PDTA114EK Datasheet
66Kb / 8P
PNP resistor-equipped transistor
1998 May 19
PDTA114TE PHILIPS-PDTA114TE Datasheet
52Kb / 8P
PNP resistor-equipped transistor
1998 Jul 23
PDTA114TT PHILIPS-PDTA114TT Datasheet
46Kb / 8P
PNP resistor-equipped transistor
1999 Apr 13
PDTA124XE PHILIPS-PDTA124XE Datasheet
50Kb / 8P
PNP resistor-equipped transistor
1999 May 21
PUMH13115 NXP-PUMH13115 Datasheet
623Kb / 14P
NPN/NPN double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages.
Rev. 4-6 December 2011
2PB709ART.215 NXP-2PB709ART.215 Datasheet
100Kb / 10P
PNP general-purpose transistor in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.
Rev. 01-19 March 2007
BAS70H.115 NXP-BAS70H.115 Datasheet
224Kb / 20P
General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
Rev. 09-13 January 2010
BAS316.115 NXP-BAS316.115 Datasheet
150Kb / 20P
High-speed switching diodes, encapsulated in small Surface-Mounted Device (SMD) plastic packages
Rev. 05-25 August 2008
PUMB2115 NXP-PUMB2115 Datasheet
628Kb / 14P
PNP/PNP double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages.
Rev. 3-17 November 2011
BCX52-10-115 NXP-BCX52-10-115 Datasheet
1Mb / 22P
PNP medium power transistor series in Surface-Mounted Device (SMD) plastic packages.
Rev. 9-18 October 2011
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com