Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4372FEUK Datasheet (PDF) - Maxim Integrated Products

MAX4372FEUK Datasheet PDF - Maxim Integrated Products
Part # MAX4372FEUK
Download  MAX4372FEUK Download
File Size   1286.29 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output

MAX4372FEUK Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4372FEUK Datasheet PDF - Maxim Integrated Products

Part # MAX4372FEUK
Download  MAX4372FEUK Click to download

File Size   1286.29 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output

MAX4372FEUK Datasheet (HTML) - Maxim Integrated Products


MAX4372FEUK Product details

General Description
The MAX4372 low-cost, precision, high-side current sense amplifier is available in a tiny, space-saving SOT23-5-pin package. Offered in three gain versions (T = 20V/V, F = 50V/V, and H = 100V/V), this device operates from a single 2.7V to 28V supply and consumes only 30µA. It features a voltage output that eliminates the need for gain-setting resistors and is ideal for today’s notebook computers, cell phones, and other systems where battery/DC current monitoring is critical.

Features
♦ Low-Cost, Compact Current-Sense Solution
♦ 30µA Supply Current
♦ 2.7V to 28V Operating Supply
♦ 0.18% Full-Scale Accuracy
♦ 0.3mV Input Offset Voltage
♦ Low 1.5Ω Output Impedance
♦ Three Gain Versions Available
   20V/V (MAX4372T)
   50V/V (MAX4372F)
   100V/V (MAX4372H)
♦ High Accuracy +2V to +28V Common-Mode
   Range, Functional Down to 0V, Independent of
   Supply Voltage
♦ Available in a Space-Saving 5-Pin SOT23 Package
   and 3 x 2 UCSP™ (1mm x 1.5mm) Package

Applications
   Power-Management Systems
   General-System/Board-Level Current Monitoring
   Notebook Computers
   Portable/Battery-Powered Systems
   Smart-Battery Packs/Chargers
   Cell Phones
   Precision-Current Sources




Similar Part No. - MAX4372FEUK

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX4372FEUK+T AD-MAX4372FEUK+T Datasheet
1Mb / 12P
Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 5 5/11
logo
Maxim Integrated Produc...
MAX4372FEUK-T MAXIM-MAX4372FEUK-T Datasheet
111Kb / 8P
Low-Cost, SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 0; 10/99
More results


Similar Description - MAX4372FEUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4073T MAXIM-MAX4073T Datasheet
261Kb / 10P
Low-Cost, SC70, Voltage-Output, High-Side Current-Sense Amplifier
19-2048; Rev 0; 4/01
MAX4173T MAXIM-MAX4173T Datasheet
204Kb / 12P
Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier
Rev 1; 5/99
MAX4372T MAXIM-MAX4372T Datasheet
111Kb / 8P
Low-Cost, SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 0; 10/99
logo
Analog Devices
ADM4073 AD-ADM4073 Datasheet
263Kb / 12P
Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
7/06-Revision 0
logo
STMicroelectronics
TSC888 STMICROELECTRONICS-TSC888 Datasheet
104Kb / 7P
Low cost high-side current sense amplifier
26-Jun-2008
logo
Maxim Integrated Produc...
MAX4372T MAXIM-MAX4372T_09 Datasheet
225Kb / 11P
Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 4; 7/09
MAX4173T MAXIM-MAX4173T_11 Datasheet
1Mb / 10P
Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier 420μA of supply current
Rev 5; 4/11
MAX4073T MAXIM-MAX4073T_12 Datasheet
519Kb / 12P
Low-Cost, SC70, Voltage-Output, High-Side Current-Sense Amplifier
Rev 1; 8/12
logo
Analog Devices
ADM4073 AD-ADM4073_15 Datasheet
284Kb / 12P
Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
REV. A
logo
Maxim Integrated Produc...
MAX4372T MAXIM-MAX4372T_V01 Datasheet
1Mb / 12P
Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
2011
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com