Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N80C188 Datasheet (PDF) - Rochester Electronics

N80C188 Datasheet PDF - Rochester Electronics
Part # N80C188
Download  N80C188 Download
File Size   2854.08 Kbytes
Page   1 Pages
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics
Description Introducing new features to the 80186/C188 family 16-Bit Microcontroller

N80C188 Datasheet (PDF)

Go To PDF Page Download Datasheet
N80C188 Datasheet PDF - Rochester Electronics

Part # N80C188
Download  N80C188 Click to download

File Size   2854.08 Kbytes
Page   1 Pages
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics
Description Introducing new features to the 80186/C188 family 16-Bit Microcontroller

N80C188 Datasheet (HTML) - Rochester Electronics


N80C188 Product details

Introducing new features to the 80186/C188 family

The 80C186/C188 is a CMOS high-integration microprocessor. It has features that are new to the 80186/80188 Family, which include a DRAM refresh control unit, and power-save mode. When used in “compatible” mode, the 80C186/C188 is 100% pin-for-pin compatible with the NMOS 80186/80188 (except for 8087 applications). The Enhanced mode of operation allows the full feature set of the 80C186/C188 to be used. The 80C186/ 80C188 is upward compatible with 8086 and 8088 software and fully compatible with 80186 and 80188 software.

Description: 16-Bit Microcontroller
Package: 68 pin Plastic LDCC
Manufacturing Flow: Commercial
Manufacturing Type: made from original AMD wafers




Similar Part No. - N80C188

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
N80C188 AMD-N80C188 Datasheet
3Mb / 103P
CMOS High-Integration 16-Bit Microprocessors
N80C188-12 AMD-N80C188-12 Datasheet
3Mb / 103P
CMOS High-Integration 16-Bit Microprocessors
N80C188-16 AMD-N80C188-16 Datasheet
3Mb / 103P
CMOS High-Integration 16-Bit Microprocessors
N80C188-20 AMD-N80C188-20 Datasheet
3Mb / 103P
CMOS High-Integration 16-Bit Microprocessors
N80C188-25 AMD-N80C188-25 Datasheet
3Mb / 103P
CMOS High-Integration 16-Bit Microprocessors
More results


Similar Description - N80C188

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87CL52X2 PHILIPS-P87CL52X2 Datasheet
301Kb / 47P
80C51 8-bit microcontroller family
2003 May 14
XA-G39 PHILIPS-XA-G39 Datasheet
217Kb / 42P
XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
2002 Mar 13
logo
Freescale Semiconductor...
MC9S12B FREESCALE-MC9S12B Datasheet
125Kb / 14P
MC9S12B Family 16-bit Microcontroller
logo
Sharp Corporation
GW6TGCBG4FD SHARP-GW6TGCBG4FD Datasheet
3Mb / 2P
Introducing the Newest Member of the Zenigata Family
logo
NXP Semiconductors
PXAG49KBBD NXP-PXAG49KBBD Datasheet
216Kb / 42P
XA 16-bit microcontroller family
2001 Jun 27
logo
Altera Corporation
EP2S90F1020C4N ALTERA-EP2S90F1020C4N Datasheet
2Mb / 238P
The Stratix II family offers the following features
logo
ASM GmbH
9322 ASM-SENSOR-9322 Datasheet
701Kb / 2P
Introducing a new 3-function universal probe
logo
TOKYO SEIMITSU CO., LTD
PULCOM-V10A ACCRETECH-PULCOM-V10A Datasheet
483Kb / 6P
Introducing a new model with a detachable monitor!! Plus the standard model
logo
Texas Instruments
TMS7000 TI-TMS7000 Datasheet
32Mb / 618P
8·Bit Microcontroller Family
1989
logo
NXP Semiconductors
MC9S12XD NXP-MC9S12XD Datasheet
577Kb / 16P
NeXt Generation 16-Bit Microcontroller Family
Rev 2.3, 9-Jun-04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com