Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS2150 Datasheet (PDF) - Microdiode Semiconductor (Shenzhen) Co., Ltd

SS2150 Datasheet PDF - Microdiode Semiconductor (Shenzhen) Co., Ltd
Part # SS2150
Download  SS2150 Download
File Size   197.3 Kbytes
Page   2 Pages
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Forward Current -2.0 Amperes

SS2150 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS2150 Datasheet PDF - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # SS2150
Download  SS2150 Click to download

File Size   197.3 Kbytes
Page   2 Pages
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Forward Current -2.0 Amperes

SS2150 Datasheet (HTML) - Microdiode Semiconductor (Shenzhen) Co., Ltd


SS2150 Product details

Reverse Voltage - 20 to 200 Volts Forward Current - 2.0 Amperes

FEATURES
♦ The plastic package carries Underwriters Laboratory
   Flammability Classification 94V-0
♦ For surface mounted applications
♦ Metal silicon junction,majority carrier conduction
♦ Low power loss,high efficiency
♦ Built-in strain relief,ideal for automated placement
♦ High forward surge current capability
♦ High temperature soldering guaranteed: 250°C/10 seconds at terminals

MECHANICAL DATA
   Case: JEDEC DO-214AC molded plastic body
   Terminals: leads solderable per MIL-STD-750,
   Method 2026
   Polarity: Color band denotes cathode end
   Mounting Position: Any
   Weight:0.070 grams






Similar Part No. - SS2150

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SS2150 JUXING-SS2150 Datasheet
336Kb / 1P
Surface Mount Schottky Rectifiers
logo
Microdiode Semiconducto...
SS2150 CHENDA-SS2150 Datasheet
500Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS2150 YFWDIODE-SS2150 Datasheet
494Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SS2150 BILIN-SS2150 Datasheet
91Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Guangdong Juxing Electr...
SS2150 JUXING-SS2150 Datasheet
2Mb / 2P
Surface Mount Schottky Barrier Rectifiers
More results


Similar Description - SS2150

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SK22 PANJIT-SK22 Datasheet
58Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
SK22 SURGE-SK22 Datasheet
84Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes????
logo
List of Unclassifed Man...
SSM22LPT ETC2-SSM22LPT Datasheet
81Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 - 40 Volts CURRENT 2.0 Amperes
logo
GOOD-ARK Electronics
SK22A GOOD-ARK-SK22A Datasheet
155Kb / 2P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 2.0 Amperes
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L Datasheet
292Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE 20 Volts CURRENT 2.0 Amperes
logo
Microdiode Semiconducto...
SS3150 CHENDA-SS3150 Datasheet
131Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Forward Current - 3.0 Amperes
logo
GOOD-ARK Electronics
SK2XA GOOD-ARK-SK2XA_15 Datasheet
156Kb / 2P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 2.0 Amperes
SK27 GOOD-ARK-SK27_15 Datasheet
150Kb / 2P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 70 to 100 Volts Forward Current 2.0 Amperes
SK22-S GOOD-ARK-SK22-S_15 Datasheet
663Kb / 2P
2.0 Amps. Surface Mount Schottky Barrier Rectifiers Voltage Range 20 to 100 Volts Forward Current 2.0 Amperes
SK22 GOOD-ARK-SK22_15 Datasheet
157Kb / 2P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 2.0 Amperes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com