Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD621BNZ Datasheet (PDF) - Analog Devices

AD621BNZ Datasheet PDF - Analog Devices
Part # AD621BNZ
Download  AD621BNZ Download
File Size   520.87 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Drift, Low Power Instrumentation Amplifier

AD621BNZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD621BNZ Datasheet PDF - Analog Devices

Part # AD621BNZ
Download  AD621BNZ Click to download

File Size   520.87 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Drift, Low Power Instrumentation Amplifier

AD621BNZ Datasheet (HTML) - Analog Devices


AD621BNZ Product details

PRODUCT DESCRIPTION
The AD621 is an easy to use, low cost, low power, high accuracy instrumentation amplifier that is ideally suited for a wide range of applications. Its unique combination of high performance, small size and low power, outperforms discrete in amp implementations. High functionality, low gain errors, and low gain drift errors are achieved by the use of internal gain setting resistors. Fixed gains of 10 and 100 can easily be set via external pin strapping. The AD621 is fully specified as a total system, therefore, simplifying the design process.
For portable or remote applications, where power dissipation, size, and weight are critical, the AD621 features a very low supply current of 1.3 mA max and is packaged in a compact 8-lead SOIC, 8-lead plastic DIP or 8-lead cerdip. The AD621 also excels in applications requiring high total accuracy, such as precision data acquisition systems used in weigh scales and transducer interface circuits. Low maximum error specifications including nonlinearity of 10 ppm, gain drift of 5 ppm/°C, 50 µV offset voltage, and 0.6 µV/°C offset drift (“B” grade), make possible total system performance at a lower cost than has been previously achieved with discrete designs or with other monolithic instrumentation amplifiers.
When operating from high source impedances, as in ECG and blood pressure monitors, the AD621 features the ideal combination of low noise and low input bias currents. Voltage noise is specified as 9 nV/√Hz at 1 kHz and 0.28 µV p-p from 0.1 Hz to 10 Hz. Input current noise is also extremely low at 0.1 pA/√Hz.
The AD621 outperforms FET input devices with an input bias current specification of 1.5 nA max over the full industrial temperature range.

FEATURES
   EASY TO USE
   Pin-Strappable Gains of 10 and 100
   All Errors Specified for Total System Performance
   Higher Performance than Discrete In Amp Designs
   Available in 8-Lead DIP and SOIC
   Low Power, 1.3 mA Max Supply Current
   Wide Power Supply Range (±2.3 V to ±18 V)

EXCELLENT DC PERFORMANCE
   0.15% Max, Total Gain Error
   ±5 ppm/°C, Total Gain Drift
   125 μV Max, Total Offset Voltage
   1.0 μV/°C Max, Offset Voltage Drift

LOW NOISE
   9 nV/√Hz, @ 1 kHz, Input Voltage Noise
   0.28 μV p-p Noise (0.1 Hz to 10 Hz)

EXCELLENT AC SPECIFICATIONS
   800 kHz Bandwidth (G = 10), 200 kHz (G = 100)
   12 μs Settling Time to 0.01%

APPLICATIONS
   Weigh Scales
   Transducer Interface and Data Acquisition Systems
   Industrial Process Controls
   Battery-Powered and Portable Equipment




Similar Part No. - AD621BNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD621BN AD-AD621BN Datasheet
530Kb / 16P
Low Drift, Low Power Instrumentation Amplifier
REV.B
AD621BN AD-AD621BN Datasheet
502Kb / 16P
Low Drift, Low Power Instrumentation Amplifier
REV. B
More results


Similar Description - AD621BNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD621 AD-AD621 Datasheet
530Kb / 16P
Low Drift, Low Power Instrumentation Amplifier
REV.B
logo
Burr-Brown (TI)
3626 BURR-BROWN-3626 Datasheet
295Kb / 4P
Low Drift INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8228 AD-AD8228 Datasheet
581Kb / 24P
Low Gain Drift Precision Instrumentation Amplifier
REV. 0
AD8428 AD-AD8428 Datasheet
378Kb / 20P
Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
AD621ANZ AD-AD621ANZ Datasheet
520Kb / 16P
Low Drift, Low Power Instrumentation Amplifier
REV. B
AD621BRZ AD-AD621BRZ Datasheet
502Kb / 16P
Low Drift, Low Power Instrumentation Amplifier
REV. B
AD621 AD-AD621_15 Datasheet
520Kb / 16P
Low Drift, Low Power Instrumentation Amplifier
REV. B
AD621 AD-AD621_16 Datasheet
619Kb / 17P
Low Drift, Low Power Instrumentation Amplifier
REV. B
AD8228 AD-AD8228_16 Datasheet
550Kb / 25P
Low Gain Drift Precision Instrumentation Amplifier
Rev. 0
ADA4254 AD-ADA4254 Datasheet
1Mb / 59P
Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com