Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7569KNZ Datasheet (PDF) - Analog Devices

AD7569KNZ Datasheet PDF - Analog Devices
Part # AD7569KNZ
Download  AD7569KNZ Download
File Size   506.36 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Complete, 8-Bit Analog I/0 Systems

AD7569KNZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7569KNZ Datasheet PDF - Analog Devices

Part # AD7569KNZ
Download  AD7569KNZ Click to download

File Size   506.36 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Complete, 8-Bit Analog I/0 Systems

AD7569KNZ Datasheet (HTML) - Analog Devices


AD7569KNZ Product details

GENERAL DESCRIPTION
The AD7569/AD7669 is a complete, 8-bit, analog I/O system on a single monolithic chip. The AD7569 contains a high speed successive approximation ADC with 2 µs conversion time, a track/hold with 200 kHz bandwidth, a DAC and an output buffer amplifier with 1 µs settling time. A temperature-compensated 1.25 V bandgap reference provides a precision reference voltage for the ADC and the DAC. The AD7669 is similar, but contains two DACs with output buffer amplifiers.

FEATURES
    2 μs ADC with Track/Hold
    1 μs DAC with Output Amplifier
        AD7569, Single DAC Output
        AD7669, Dual DAC Output
    On-Chip Bandgap Reference
    Fast Bus Interface
    Single or Dual 5 V Supplies




Similar Part No. - AD7569KNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7569KN AD-AD7569KN Datasheet
504Kb / 20P
LC2MOS Complete, 8-Bit Analog I/0 Systems
REV.B
AD7569KN AD-AD7569KN Datasheet
443Kb / 20P
LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569KN AD-AD7569KN Datasheet
443Kb / 20P
LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
More results


Similar Description - AD7569KNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7569 AD-AD7569 Datasheet
504Kb / 20P
LC2MOS Complete, 8-Bit Analog I/0 Systems
REV.B
AD7868 AD-AD7868 Datasheet
337Kb / 16P
LC2MOS Complete, 12-Bit Analog I/O System
REV.B
AD7869 AD-AD7869 Datasheet
297Kb / 16P
LC2MOS Complete, 14-Bit Analog I/O System
REV.A
AD7840 AD-AD7840 Datasheet
338Kb / 16P
LC2MOS Complete 14-Bit DAC
REV.B
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7569JNZ AD-AD7569JNZ Datasheet
443Kb / 20P
LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7847ANZ AD-AD7847ANZ Datasheet
494Kb / 12P
LC2MOS Complete, Dual 12-Bit MDACS
REV. C
AD7569TQ AD-AD7569TQ Datasheet
443Kb / 20P
LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569 AD-AD7569_15 Datasheet
506Kb / 20P
Complete, 8-Bit Analog I/0 Systems
REV. B
AD7669 AD-AD7669_15 Datasheet
506Kb / 20P
Complete, 8-Bit Analog I/0 Systems
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com