Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG412BRUZ Datasheet (PDF) - Analog Devices

ADG412BRUZ Datasheet PDF - Analog Devices
Part # ADG412BRUZ
Download  ADG412BRUZ Download
File Size   223.71 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Precision Quad SPST Switches

ADG412BRUZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG412BRUZ Datasheet PDF - Analog Devices

Part # ADG412BRUZ
Download  ADG412BRUZ Click to download

File Size   223.71 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Precision Quad SPST Switches

ADG412BRUZ Datasheet (HTML) - Analog Devices


ADG412BRUZ Product details

GENERAL DESCRIPTION

The ADG411, ADG412, and ADG413 are monolithic CMOS devices comprising four independently selectable switches. They are designed on an enhanced LC2MOS process which provides low power dissipation yet gives high switching speed and low on resistance.

The on resistance profile is very flat over the full analog input range ensuring excellent linearity and low distortion when switching audio signals. Fast switching speed coupled with high signal bandwidth also make the parts suitable for video signal switching. CMOS construction ensures ultralow power dissipation, making the parts ideally suited for portable and battery-powered instruments



FEATURES

  44 V supply maximum ratings

  ±15 V analog signal range

  Low on resistance (< 35 Ω)

  Ultralow power dissipation (35 μW)

  Fast switching times

     tON < 175 ns

     tOFF < 145 ns

  TTL-/CMOS-compatible

  Plug-in replacement for DG411/DG412/DG413



APPLICATIONS

  Audio and video switching

  Automatic test equipment

  Precision data acquisition

  Battery-powered systems

  Sample-and-hold systems

  Communication systems



 




Similar Part No. - ADG412BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG412BR AD-ADG412BR Datasheet
156Kb / 8P
LC2MOS Precision Quad SPST Switches
REV.A
More results


Similar Description - ADG412BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG411 AD-ADG411 Datasheet
156Kb / 8P
LC2MOS Precision Quad SPST Switches
REV.A
ADG431 AD-ADG431 Datasheet
119Kb / 8P
LC2MOS Precision Quad SPST Switches
REV.B
ADG661 AD-ADG661 Datasheet
123Kb / 8P
LC2MOS Precision 5 V Quad SPST Switches
REV.0
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
LC2MOS Quad SPST Switches
REV. A
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
LC2MOS Quad SPST Switches
REV. C
ADG433ABRZ AD-ADG433ABRZ Datasheet
137Kb / 8P
LC2MOS Precision Quad SPST Switches
REV. C
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
LC2MOS Quad SPST Switches
REV. C
ADG663BRUZ AD-ADG663BRUZ Datasheet
131Kb / 8P
LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
LC2MOS Quad SPST Switches
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com