Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PARS433.92K04R Datasheet (PDF) - AVX Corporation

PARS433.92K04R Datasheet PDF - AVX Corporation
Part # PARS433.92K04R
Download  PARS433.92K04R Download
File Size   78.33 Kbytes
Page   1 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description Frequency Range 300 to 480MHz

PARS433.92K04R Datasheet (PDF)

Go To PDF Page Download Datasheet
PARS433.92K04R Datasheet PDF - AVX Corporation

Part # PARS433.92K04R
Download  PARS433.92K04R Click to download

File Size   78.33 Kbytes
Page   1 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description Frequency Range 300 to 480MHz

PARS433.92K04R Datasheet (HTML) - AVX Corporation




Similar Part No. - PARS433.92K04R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAR16X-005-3000 ETC2-PAR16X-005-3000 Datasheet
323Kb / 5P
5W PAR16 3 LEDs High Power LED Lamp
PAR20X-007-3000 ETC2-PAR20X-007-3000 Datasheet
311Kb / 5P
7W PAR20 3 LEDs High Power LED Lamp
PAR30-LED120V ETC-PAR30-LED120V Datasheet
515Kb / 3P
Superbright LED Retrofit Lamp
PAR30-LED120V10W25 ETC-PAR30-LED120V10W25 Datasheet
515Kb / 3P
Superbright LED Retrofit Lamp
PAR30-LEDE26120V10W25 ETC-PAR30-LEDE26120V10W25 Datasheet
515Kb / 3P
Superbright LED Retrofit Lamp
More results


Similar Description - PARS433.92K04R

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB480E3 TAI-SAW-TB480E3 Datasheet
179Kb / 4P
SAW Filter 480MHz TO-39
logo
Texas Instruments
UCC28070A TI1-UCC28070A Datasheet
1Mb / 43P
Extended Frequency Range (10 kHz to 300 kHz)
logo
EUROQUARTZ limited
CX1VSM EUROQUARTZ-CX1VSM Datasheet
296Kb / 2P
Frequency Range 10kHz to 600kHz
CX2VSM EUROQUARTZ-CX2VSM Datasheet
292Kb / 2P
Frequency Range 16kHz to 600kHz
logo
Pasternack Enterprises,...
PE7031-1 PASTERNACK-PE7031-1 Datasheet
89Kb / 1P
N ATTENUATOR MALE, TO FEMALE 300 WATT, FREQUENCY RANGE: DC TO 1 GHz
logo
Japan Aviation Electron...
716 JAE-716 Datasheet
289Kb / 5P
FREQUENCY RANGE TO 3GHz
CF2 JAE-CF2 Datasheet
326Kb / 8P
FREQUENCY RANGE TO 6GHz
CJ2 JAE-CJ2 Datasheet
359Kb / 7P
FREQUENCY RANGE TO 3GHz
CN50 JAE-CN50 Datasheet
295Kb / 5P
FREQUENCY RANGE TO 3GHz
CV10 JAE-CV10 Datasheet
320Kb / 7P
FREQUENCY RANGE TO 3GHz
More results




About AVX Corporation


AVX Corporation is an American electronic component manufacturer that specializes in the design, development, and manufacture of passive electronic components, including capacitors, resistors, filters, and connectors. The company was founded in 1972 and is headquartered in Fountain Inn, South Carolina.

AVX Corporation's products are used in a wide range of industries, including automotive, telecommunications, consumer electronics, and medical devices. The company's product portfolio includes a variety of passive electronic components, such as ceramic capacitors, tantalum capacitors, film capacitors, and thin film resistors.

AVX Corporation is committed to quality and innovation, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and quality control processes ensure that its products meet the highest standards of performance and reliability.

Today, AVX Corporation is recognized as a leading manufacturer of passive electronic components, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the electronic component industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com