Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM3N1BB-AU Datasheet (PDF) - ATMEL Corporation

ATSAM3N1BB-AU Datasheet PDF - ATMEL Corporation
Part # ATSAM3N1BB-AU
Download  ATSAM3N1BB-AU Download
File Size   1335.49 Kbytes
Page   60 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description ARM-based Flash MCU

ATSAM3N1BB-AU Datasheet (PDF)

Go To PDF Page Download Datasheet
ATSAM3N1BB-AU Datasheet PDF - ATMEL Corporation

Part # ATSAM3N1BB-AU
Download  ATSAM3N1BB-AU Click to download

File Size   1335.49 Kbytes
Page   60 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description ARM-based Flash MCU

ATSAM3N1BB-AU Datasheet (HTML) - ATMEL Corporation


ATSAM3N1BB-AU Product details

SAM3N Description
Atmels SAM3N series is a member of a family of Flash microcontrollers based on the high performance 32-bit ARM Cortex-M3 RISC processor. It operates at a maximum speed of 48 MHz and features up to 256 Kbytes of Flash and up to 24 Kbytes of SRAM. The peripheral set includes 2x USARTs, 2x UARTs, 2x TWIs, 3x SPI, as well as 1 PWM timer, 6x general purpose 16-bit timers, an RTC, a 10-bit ADC and a 10-bit DAC.

Features
• Core
    – ARM® Cortex®-M3 revision 2.0 running at up to 48 MHz
    – Thumb®-2 instruction
    – 24-bit SysTick Counter
    – Nested Vector Interrupt Controller
• Pin-to-pin compatible with SAM7S legacy products (48- and 64-pin versions) and SAM3S (48-, 64- and 100-pin versions)
• Memories
    – From 16 to 256 Kbytes embedded Flash, 128-bit wide access, memory accelerator, single plane
    – From 4 to 24 Kbytes embedded SRAM
    – 16 Kbytes ROM with embedded bootloader routines (UART) and IAP routines
• System
    – Embedded voltage regulator for single supply operation
    – Power-on-Reset (POR), Brown-out Detector (BOD) and Watchdog for safe operation
    – Quartz or ceramic resonator oscillators: 3 to 20 MHz main power with Failure Detection and optional low power 32.768 kHz for RTC or device clock
    – High precision 8/12 MHz factory trimmed internal RC oscillator with 4 MHz default frequency for device startup. In-application trimming access for frequency adjustment
    – Slow Clock Internal RC oscillator as permanent low-power mode device clock
    – One PLL up to 130 MHz for device clock
    – Up to 10 peripheral DMA (PDC) channels
• Low Power Modes
    – Sleep and Backup modes, down to 3 µA in Backup mode
    – Ultra low power RTC
• Peripherals
    – Up to 2 USARTs with RS-485 and SPI mode support. One USART (USART0) has ISO7816, IrDA® and PDC support in addition
    – Two 2-wire UARTs
    – 2 Two Wire Interface (I2C compatible), 1 SPI
    – Up to 6 Three-Channel 16-bit Timer/Counter with capture, waveform, compare and PWM mode. Quadrature Decoder Logic and 2-bit Gray Up/Down Counter for Stepper Motor
    – 4-channel 16-bit PWM
    – 32-bit Real-time Timer and RTC with calendar and alarm features
    – Up to 16 channels, 384 KSPS 10-bit ADC
    – One 500 KSPS 10-bit DAC
• I/O
    – Up to 79 I/O lines with external interrupt capability (edge or level sensitivity), debouncing, glitch filtering and on-die Series Resistor Termination
    – Three 32-bit Parallel Input/Output Controllers
• Packages
    – 100-lead LQFP, 14 x 14 mm, pitch 0.5 mm/100-ball TFBGA, 9 x 9 mm, pitch 0.8 mm
    – 64-lead LQFP, 10 x 10 mm, pitch 0.5 mm/64-pad QFN 9x9 mm, pitch 0.5 mm
    – 48-lead LQFP, 7 x 7 mm, pitch 0.5 mm/48-pad QFN 7x7 mm, pitch 0.5 mm




Similar Part No. - ATSAM3N1BB-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3N1BB-MU ATMEL-ATSAM3N1BB-MU Datasheet
1Mb / 60P
AT91SAM ARM-based Flash MCU
More results


Similar Description - ATSAM3N1BB-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM ATMEL-AT91SAM Datasheet
638Kb / 67P
ARM-based Flash MCU
AT91SAM ATMEL-AT91SAM_13 Datasheet
4Mb / 775P
ARM-based Flash MCU
AT91SAM7S128C-AU-999 ATMEL-AT91SAM7S128C-AU-999 Datasheet
4Mb / 775P
ARM-based Flash MCU
SAM4S ATMEL-SAM4S_14 Datasheet
6Mb / 1231P
ARM-based Flash MCU
SAM4N ATMEL-SAM4N_14 Datasheet
13Mb / 795P
ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512_14 Datasheet
2Mb / 662P
ARM-based Flash MCU
SAM7X128 ATMEL-SAM7X128_14 Datasheet
2Mb / 662P
ARM-based Flash MCU
SAM7X256 ATMEL-SAM7X256_14 Datasheet
2Mb / 662P
ARM-based Flash MCU
SAM7S321 ATMEL-SAM7S321_14 Datasheet
4Mb / 775P
ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512 Datasheet
3Mb / 662P
ARM-based Flash MCU
11-Feb-14
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com