Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-5731 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-5731 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-5731
Download  HCPL-5731 Download
File Size   206.85 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers

HCPL-5731 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-5731 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-5731
Download  HCPL-5731 Click to download

File Size   206.85 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers

HCPL-5731 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-5731 Product details

Description
These units are single, dual, and quad channel, hermetically sealed optocoup lers. The products are capable of operation and storage over the full military temperature range and can be purchased as either standard product or with full MIL-PRF-38534 Class Level H or K testing or from the appro priate DLA Drawing. All devices are manufactured and tested on a MIL-PRF-38534 certified line and are included in the DLA Quali fied Manufacturers List QML-38534 for Hybrid Microcircuits.

Features
• Dual marked with device part number and DLA drawing number
• Manufactured and tested on a MIL-PRF-38534 Certified Line
• QML-38534, Class H and K
• Five hermetically sealed package configurations
• Performance guaranteed over full military temperature range: -55°C to +125°C
• Low input current requirement: 0.5 mA
• High current transfer ratio: 1500% typical @ IF = 0.5 mA
• Low output saturation voltage: 0.11 V typical
• 1500 Vdc withstand test voltage
• High radiation immunity
• 6N138/9, HCPL-2730/31 function compatibility
• Reliability data

Applications
• Military and aerospace
• High reliability systems
• Telephone ring detection
• Microprocessor system interface
• Transportation, medical, and life critical systems
• Isolated input line receiver
• EIA RS-232-C line receiver
• Voltage level shifting
• Isolated input line receiver
• Isolated output line driver
• Logic ground isolation
• Harsh industrial environments
• Current loop receiver
• System test equipment isolation
• Process control input/output isolation




Similar Part No. - HCPL-5731

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5731 HP-HCPL-5731 Datasheet
320Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
HCPL-5731 BOARDCOM-HCPL-5731 Datasheet
1Mb / 14P
Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
May 4, 2018
logo
Agilent(Hewlett-Packard...
HCPL-5731-100 HP-HCPL-5731-100 Datasheet
320Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731-200 HP-HCPL-5731-200 Datasheet
320Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
More results


Similar Description - HCPL-5731

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-675X HP-HCPL-675X Datasheet
320Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-520X AVAGO-HCPL-520X Datasheet
367Kb / 14P
Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
Very High CMR, Wide VCC Logic Gate Optocouplers
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com