Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3550-50E-SN Datasheet (PDF) - Microchip Technology

MCP3550-50E-SN Datasheet PDF - Microchip Technology
Part # MCP3550-50E-SN
Download  MCP3550-50E-SN Download
File Size   885.84 Kbytes
Page   36 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs

MCP3550-50E-SN Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP3550-50E-SN Datasheet PDF - Microchip Technology

Part # MCP3550-50E-SN
Download  MCP3550-50E-SN Click to download

File Size   885.84 Kbytes
Page   36 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs

MCP3550-50E-SN Datasheet (HTML) - Microchip Technology


MCP3550-50E-SN Product details

Description
The Microchip Technology Inc. MCP3550/1/3 devices are 2.7V to 5.5V low-power, 22-bit Delta-Sigma Analog-to-Digital Converters  (ADCs). The devices offer output noise as low as 2.5 µVRMS, with a total unadjusted error of 10 ppm. The family exhibits 6 ppm Integral Non-Linearity (INL) error, 3 µV offset error and less than 2 ppm full-scale error. The MCP3550/1/3 devices provide high accuracy and low noise performance for applications where sensor measurements (such as pressure, temperature and humidity) are performed. With the internal oscillator and high oversampling rate, minimal external components are required for high-accuracy applications.

Features
• 22-bit ADC in Small 8-pin MSOP Package with Automatic Internal Offset and Gain Calibration
• Low-Output Noise of 2.5 µVRMS with Effective Resolution of 21.9 bits (MCP3550/1)
• 3 µV Typical Offset Error
• 2 ppm Typical Full-Scale Error
• 6 ppm Maximum INL Error
• Total Unadjusted Error Less Than 10 ppm
• No Digital Filter Settling Time, Single-Command Conversions through 3-wire SPI Interface
• Ultra-Low Conversion Current (MCP3550/1):
    -100µA typical (VDD= 2.7V)
    -120µA typical (VDD= 5.0V)
• Differential Input with VSSto VDDCommon Mode Range
• 2.7V to 5.5V Single-Supply Operation
• Extended Temperature Range: - -40°C to +125°C

Applications
• Weigh Scales
• Direct Temperature Measurement
• 6-digit DVMs
• Instrumentation
• Data Acquisition
• Strain Gauge Measurement




Similar Part No. - MCP3550-50E-SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3550-50E/MS MICROCHIP-MCP3550-50E/MS Datasheet
885Kb / 36P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
03/26/09
More results


Similar Description - MCP3550-50E-SN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415 Datasheet
669Kb / 36P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 0; 1/04
logo
Microchip Technology
MCP3551 MICROCHIP-MCP3551 Datasheet
616Kb / 30P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2005
MCP3550 MICROCHIP-MCP3550 Datasheet
583Kb / 30P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2007
MCP3550 MICROCHIP-MCP3550_09 Datasheet
885Kb / 36P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2009
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_05 Datasheet
574Kb / 36P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 1; 12/05
logo
Microchip Technology
MCP3551-ESN MICROCHIP-MCP3551-ESN Datasheet
885Kb / 36P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
03/26/09
MCP355XDV-MS1 MICROCHIP-MCP355XDV-MS1 Datasheet
885Kb / 36P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
03/26/09
logo
Analog Devices
AD7788 AD-AD7788_15 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7789 AD-AD7789_15 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_V01 Datasheet
1Mb / 35P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com