Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

644814 Datasheet (PDF) - Tyco Electronics

644814 Datasheet PDF - Tyco Electronics
Part # 644814
Download  644814 Download
File Size   129.14 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description MTA-156 POSTED CONNECTOR ASSEMBLY, 22 AWG

644814 Datasheet (PDF)

Go To PDF Page Download Datasheet
644814 Datasheet PDF - Tyco Electronics

Part # 644814
Download  644814 Click to download

File Size   129.14 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description MTA-156 POSTED CONNECTOR ASSEMBLY, 22 AWG

644814 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 644814

ManufacturerPart #DatasheetDescription
logo
ebm-papst
6448 EBMPAPST-6448 Datasheet
269Kb / 4P
DC axial compact fan
6448 EBMPAPST-6448 Datasheet
122Kb / 1P
DC axial fans
logo
API Delevan
6448-010 API-6448-010 Datasheet
1Mb / 1P
VDE PC Mount Transformers
6448-010 API-6448-010 Datasheet
1Mb / 1P
VDE PC Mount Transformers
6448-010 API-6448-010 Datasheet
1Mb / 1P
VDE PC Mount Transformers
More results


Similar Description - 644814

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
640433 MACOM-640433 Datasheet
129Kb / 1P
MTA 156 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
641170 MACOM-641170 Datasheet
129Kb / 1P
MTA-156 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
644783 MACOM-644783 Datasheet
135Kb / 1P
MTA-156 CONNECTOR ASSEMBLY 22 AWG, STANDARD, TAPE MOUNTED
644807 MACOM-644807 Datasheet
128Kb / 1P
MTA-156 POSTED CONNECTOR ASSEMBLY, 18 AWG
647000 MACOM-647000 Datasheet
275Kb / 2P
MTA-100 POSTED CONNECTOR ASSEMBLY, CLOSED END, 22 AWG, TIN
647001 MACOM-647001 Datasheet
268Kb / 2P
MTA-100 POSTED CONNECTOR ASSEMBLY, CLOSED END, 24 AWG
647003 MACOM-647003 Datasheet
270Kb / 2P
MTA-100 POSTED CONNECTOR ASSEMBLY, CLOSED END, 28 AWG
647016 MACOM-647016 Datasheet
262Kb / 2P
MTA-100 POSTED CONNECTOR ASSEMBLY, CLOSED END, 22 AWG
3-641437-4 MACOM-3-641437-4 Datasheet
118Kb / 1P
MTA 156 POSTED CONNECTOR ASSEMBLY
3-644465-2 MACOM-3-644465-2 Datasheet
113Kb / 1P
MTA 156 CONNECTOR ASSEMBLY, 18 AWG
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com