Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3362W Datasheet (PDF) - Bourns Electronic Solutions

3362W Datasheet PDF - Bourns Electronic Solutions
Part # 3362W
Download  3362W Download
File Size   283.64 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Square Trimpot Trimming Potentiometer Tape and reel packaging available

3362W Datasheet (PDF)

Go To PDF Page Download Datasheet
3362W Datasheet PDF - Bourns Electronic Solutions

Part # 3362W
Download  3362W Click to download

File Size   283.64 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Square Trimpot Trimming Potentiometer Tape and reel packaging available

3362W Datasheet (HTML) - Bourns Electronic Solutions


3362W Product details

Features

■ Single-Turn / Cermet / Industrial / Sealed

■ Miniature package

■ Rotor designed for automatic machine adjust interface

■ Withstands harsh environments and immersion cleaning processes

■ Tape and reel packaging available

■ RoHS compliant* version available

■ For trimmer applications/processing guidelines, click here



 




Similar Part No. - 3362W

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
3362W DBLECTRO-3362W Datasheet
202Kb / 1P
7횞7.2 Square/Single Turn/Trimming Potentiometer
logo
Vatronics Technologies ...
3362W VATRONICS-3362W Datasheet
83Kb / 3P
6mm Square Single-Turn Trimmer Potentiometers
logo
Bourns Electronic Solut...
3362W-1-102LF BOURNS-3362W-1-102LF Datasheet
404Kb / 2P
Featured Products Bulletin
3362W-1-102LF BOURNS-3362W-1-102LF Datasheet
404Kb / 2P
Bourns® Trimmer Design Kits
September 25, 2007
3362W-1-103LF BOURNS-3362W-1-103LF Datasheet
404Kb / 2P
Featured Products Bulletin
More results


Similar Description - 3362W

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3269W-1-103LF BOURNS-3269W-1-103LF Datasheet
183Kb / 2P
Square Trimpot Trimming Potentiometer Tape and reel packaging available
3386P-1-103TLF BOURNS-3386P-1-103TLF Datasheet
296Kb / 3P
Square Trimpot Trimming Potentiometer Available with cross-slot rotor
3260 BOURNS-3260 Datasheet
108Kb / 1P
1/4 ??Square Trimpot Trimming Potentiometer
RJ22 BOURNS-RJ22 Datasheet
108Kb / 1P
1/2 Square Trimpot Trimming Potentiometer
RJ24FL202 BOURNS-RJ24FL202_12 Datasheet
184Kb / 1P
Square Trimpot Trimming Potentiometer
RT22C2P501 BOURNS-RT22C2P501 Datasheet
143Kb / 1P
Square Trimpot Trimming Potentiometer
RT24C2P501 BOURNS-RT24C2P501 Datasheet
187Kb / 1P
Square Trimpot Trimming Potentiometer
RT26 BOURNS-RT26 Datasheet
120Kb / 1P
Square Trimpot Trimming Potentiometer
logo
M/A-COM Technology Solu...
MAAD-007082 MA-COM-MAAD-007082 Datasheet
825Kb / 8P
Tape and Reel Packaging Available
MAAD-007083 MA-COM-MAAD-007083 Datasheet
787Kb / 5P
Tape and Reel Packaging Available
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com