Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJA138K Datasheet (PDF) - Pan Jit International Inc.

PJA138K Datasheet PDF - Pan Jit International Inc.
Part # PJA138K
Download  PJA138K Download
File Size   244.91 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 50V N-Channel Enhancement Mode MOSFET ??ESD Protected

PJA138K Datasheet (PDF)

Go To PDF Page Download Datasheet
PJA138K Datasheet PDF - Pan Jit International Inc.

Part # PJA138K
Download  PJA138K Click to download

File Size   244.91 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 50V N-Channel Enhancement Mode MOSFET ??ESD Protected

PJA138K Datasheet (HTML) - Pan Jit International Inc.


PJA138K Product details

Voltage  50 V  Current 500mA



Features

RDS(ON), VGS@10V, ID@500mA<1.6Ω

RDS(ON), VGS@4.5V, ID@200mA<2.5Ω

RDS(ON), VGS@2.5V, ID@100mA<4.5Ω

Advanced Trench Process Technology

Specially Designed for Battery Operated Systems, Solid State Relays Drivers: Relay,Displays, Memories, etc.

ESD Protected

Lead free in comply with EU RoHS 2011/65/EU directives.

Green molding compound as per IEC61249 Std.(Halogen Free)




Similar Part No. - PJA138K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJA138K-AU PANJIT-PJA138K-AU Datasheet
378Kb / 6P
50V N-Channel Enhancement Mode MOSFET – ESD Protected
August 26,2019-REV.01
PJA138K-AU_R1_000A1 PANJIT-PJA138K-AU_R1_000A1 Datasheet
378Kb / 6P
50V N-Channel Enhancement Mode MOSFET – ESD Protected
August 26,2019-REV.01
PJA138K PANJIT-PJA138K_14 Datasheet
371Kb / 6P
50V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJA138K_R1_00001 PANJIT-PJA138K_R1_00001 Datasheet
395Kb / 6P
50V N-Channel Enhancement Mode MOSFET – ESD Protected
January 24,2017-REV.03
PJA138K_R2_00001 PANJIT-PJA138K_R2_00001 Datasheet
395Kb / 6P
50V N-Channel Enhancement Mode MOSFET – ESD Protected
January 24,2017-REV.03
More results


Similar Description - PJA138K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BSS138 PANJIT-BSS138 Datasheet
114Kb / 5P
50V N-Channel Enhancement Mode MOSFET - ESD Protected
PJT138K PANJIT-PJT138K Datasheet
292Kb / 6P
50V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJX138K PANJIT-PJX138K Datasheet
287Kb / 6P
50V N-Channel Enhancement Mode MOSFET ??ESD Protected
BSS138 PANJIT-BSS138_14 Datasheet
151Kb / 5P
50V N-Channel Enhancement Mode MOSFET - ESD Protected
BSS138W PANJIT-BSS138W_14 Datasheet
216Kb / 7P
50V N-Channel Enhancement Mode MOSFET - ESD Protected
PJA138K PANJIT-PJA138K_14 Datasheet
371Kb / 6P
50V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3438 PANJIT-PJA3438 Datasheet
329Kb / 6P
50V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJC7438 PANJIT-PJC7438 Datasheet
344Kb / 6P
50V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJX8838 PANJIT-PJX8838 Datasheet
340Kb / 6P
50V N-Channel Enhancement Mode MOSFET??ESD Protected
PJC7438-AU PANJIT-PJC7438-AU Datasheet
462Kb / 6P
50V N-Channel Enhancement Mode MOSFET – ESD Protected
December 9,2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com