Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97687IRTZ-T Datasheet (PDF) - Intersil Corporation

ISL97687IRTZ-T Datasheet PDF - Intersil Corporation
Part # ISL97687IRTZ-T
Download  ISL97687IRTZ-T Download
File Size   1358.6 Kbytes
Page   24 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution

ISL97687IRTZ-T Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97687IRTZ-T Datasheet PDF - Intersil Corporation

Part # ISL97687IRTZ-T
Download  ISL97687IRTZ-T Click to download

File Size   1358.6 Kbytes
Page   24 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution

ISL97687IRTZ-T Datasheet (HTML) - Intersil Corporation


ISL97687IRTZ-T Product details

4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution

The ISL97687 is a PWM controlled LED driver that supports 4 channels of LED current, for Monitor and TV LCD backlight applications. It is capable of driving 160mA per channel from a 9V to 32V input supply, with current sources rated up to 75V absolute maximum.

Features
• 4x160mA, 75V Rated Channels with Integrated Channel Regulation FETs
• Channels can be Ganged for High Current
    - 2x350mA
    - 1x700mA
• 9V~32V Input Voltage
• Dimming Modes:
    - Direct PWM Dimming from 100Hz~30kHz
    - PWM Dimming with Adjustable Output Frequency
    - 10-bit Dimming Resolution
    - VSYNC Function to Synchronize PWM Signal to Frame Rate
    - Phase Shift
    - Analog to PWM Dimming with 8-bit Resolution
• 2 Selectable Current Levels for 3D Applications
• Current Matching of ±1%
• Integrated Fault Protection Features such as String Open Circuit Protection, String Short Circuit Protection, Overvoltage Protection, and Over-Temperature Protection
• 28 Ld 5x5mm TQFN and 28 Ld 300mil SOIC Packages Available

Applications
• Monitor/TV LED Backlighting
• General/Industrial/Automotive Lighting




Similar Part No. - ISL97687IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97687IRTZ-HEVALZ INTERSIL-ISL97687IRTZ-HEVALZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
September 15, 2011
ISL97687IRTZ-HEVALZ INTERSIL-ISL97687IRTZ-HEVALZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
logo
Renesas Technology Corp
ISL97687IRTZ-HEVALZ RENESAS-ISL97687IRTZ-HEVALZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
logo
Intersil Corporation
ISL97687IRTZ-LEVALZ INTERSIL-ISL97687IRTZ-LEVALZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
September 15, 2011
ISL97687IRTZ-LEVALZ INTERSIL-ISL97687IRTZ-LEVALZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
More results


Similar Description - ISL97687IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97675 INTERSIL-ISL97675 Datasheet
550Kb / 20P
4-Channel LED Driver with Phase Shift Control
May 19, 2010
ISL97673 INTERSIL-ISL97673_10 Datasheet
578Kb / 27P
6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
June 24, 2010
ISL97687 INTERSIL-ISL97687 Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
September 15, 2011
ISL97687IBZ INTERSIL-ISL97687IBZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL78171ARZ INTERSIL-ISL78171ARZ Datasheet
931Kb / 29P
6-Channel, 50mA Automotive LED Driver with Ultra-high Dimming Ratio and Phase Shift Control
June 15, 2015
ISL97673IRZ INTERSIL-ISL97673IRZ Datasheet
724Kb / 27P
6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
October 5, 2012
ISL97687IRTZ INTERSIL-ISL97687IRTZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
logo
Renesas Technology Corp
ISL97675 RENESAS-ISL97675 Datasheet
982Kb / 21P
4-Channel LED Driver with Phase Shift Control
ISL97687 RENESAS-ISL97687 Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97673 RENESAS-ISL97673 Datasheet
1Mb / 28P
6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
Sep 19, 2017
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com