Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2110-1 Datasheet (PDF) - International Rectifier

IR2110-1 Datasheet PDF - International Rectifier
Part # IR2110-1
Download  IR2110-1 Download
File Size   334.13 Kbytes
Page   18 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description IR2110(-1-2)(S)PbF/IR2113(-1-2)(S)PbF HIGH AND LOW SIDE DRIVER

IR2110-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR2110-1 Datasheet PDF - International Rectifier

Part # IR2110-1
Download  IR2110-1 Click to download

File Size   334.13 Kbytes
Page   18 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description IR2110(-1-2)(S)PbF/IR2113(-1-2)(S)PbF HIGH AND LOW SIDE DRIVER

IR2110-1 Datasheet (HTML) - International Rectifier


IR2110-1 Product details

Description

The IR2110/IR2113 are high voltage, high speed power MOSFET and IGBT drivers with independent high and low side referenced output channels. Proprietary HVIC and latch immune CMOS technologies enable ruggedized monolithic construction. Logic inputs are compatible with standard CMOS or LSTTL output, down to 3.3V logic. The output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. Propagation delays are matched to simplify use in high frequency applications. The floating channel can be used to drive an N-channel power MOSFET or IGBT in the high side configuration which operates up to 500 or 600 volts.



Features

• Floating channel designed for bootstrap operation

   Fully operational to +500V or +600V

   Tolerant to negative transient voltage dV/dt immune

• Gate drive supply range from 10 to 20V

• Undervoltage lockout for both channels

• 3.3V logic compatible

   Separate logic supply range from 3.3V to 20V Logic and power ground ±5V offset

• CMOS Schmitt-triggered inputs with pull-down

• Cycle by cycle edge-triggered shutdown logic

• Matched propagation delay for both channels

• Outputs in phase with inputs



 




Similar Part No. - IR2110-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2110-1PBF IRF-IR2110-1PBF Datasheet
328Kb / 18P
HIGH AND LOW SIDE DRIVER
More results


Similar Description - IR2110-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80EPS16PBF IRF-80EPS16PBF Datasheet
163Kb / 6P
INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
logo
Interpoint Corporation ...
10ETS12SPBF INTERPOINT-10ETS12SPBF Datasheet
175Kb / 7P
INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
logo
Wurth Elektronik GmbH &...
7427932 WURTH-7427932 Datasheet
1Mb / 6P
WE-PBF Flat Wire High Current SMD Ferrite Bead
74279391 WURTH-74279391 Datasheet
1Mb / 6P
WE-PBF Flat Wire High Current SMD Ferrite Bead
logo
International Rectifier
IR2109STRPBF IRF-IR2109STRPBF Datasheet
355Kb / 25P
IR2109(4) (S) & (PBF) HALF-BRIDGE DRIVER
IR21094PBF IRF-IR21094PBF Datasheet
355Kb / 25P
IR2109(4) (S) & (PbF) HALF-BRIDGE DRIVER
logo
Rosenberger Hochfrequen...
60K1C7-C08N1 ROSENBERGER-60K1C7-C08N1 Datasheet
139Kb / 2P
STRAIGHT JACK (1/2?쇺?S)
60S1C7-C08N1 ROSENBERGER-60S1C7-C08N1 Datasheet
133Kb / 2P
STRAIGHT PLUG (1/2?쇺?S)
60S2C7-C08N1 ROSENBERGER-60S2C7-C08N1 Datasheet
143Kb / 2P
RIGHT ANGLE PLUG (1/2?쇺?S)
logo
Fronter Electronics Co....
FT21M07C FRONTER-FT21M07C Datasheet
180Kb / 1P
S-1/S-2, L-1/L-2/L-3/L-4 DIP TYPE
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com