Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7503TR Datasheet (PDF) - International Rectifier

IRF7503TR Datasheet PDF - International Rectifier
Part # IRF7503TR
Download  IRF7503TR Download
File Size   117.23 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Generation V Technology

IRF7503TR Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7503TR Datasheet PDF - International Rectifier

Part # IRF7503TR
Download  IRF7503TR Click to download

File Size   117.23 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Generation V Technology

IRF7503TR Datasheet (HTML) - International Rectifier


IRF7503TR Product details

VDSS = 30V

RDS(on) = 0.135Ω



Description

Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The new Micro8 package, with half the footprint area of the standard SO-8, provides the smallest footprint available in an SOIC outline. This makes the Micro8 an ideal device for applications where printed circuit board space is at a

premium. The low profile (<1.1mm) of the Micro8 will allow it to fit easily into extremely thin application environments such as portable electronics and PCMCIA cards.



Generation V Technology

Ultra Low On-Resistance

Dual N-Channel MOSFET

Very Small SOIC Package

Low Profile (<1.1mm)

Available in Tape & Reel

Fast Switching




Similar Part No. - IRF7503TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7503 IRF-IRF7503 Datasheet
114Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.135ohm)
IRF7503PBF IRF-IRF7503PBF Datasheet
1,008Kb / 8P
HEXFET짰 Power MOSFET
IRF7503PBF IRF-IRF7503PBF Datasheet
1,014Kb / 8P
ULTRA LOW ON RESISTANCE
IRF7503PBF IRF-IRF7503PBF_15 Datasheet
1,014Kb / 8P
ULTRA LOW ON RESISTANCE
More results


Similar Description - IRF7503TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
generation v technology
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
Generation V Technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
generation v technology
IRF7301PBF IRF-IRF7301PBF_15 Datasheet
243Kb / 9P
GENERATION V TECHNOLOGY
IRF7307PBF IRF-IRF7307PBF_15 Datasheet
287Kb / 10P
GENERATION V TECHNOLOGY
IRF7316PBF IRF-IRF7316PBF_15 Datasheet
209Kb / 7P
GENERATION V TECHNOLOGY
IRF7317PBF IRF-IRF7317PBF_15 Datasheet
241Kb / 10P
GENERATION V TECHNOLOGY
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
GENERATION V TECHNOLOGY
IRF7606PBF IRF-IRF7606PBF_15 Datasheet
189Kb / 7P
Generation V Technology
IRLMS1902PBF IRF-IRLMS1902PBF_15 Datasheet
197Kb / 8P
GENERATION V TECHNOLOGY
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com