Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MY2IN1-D2 Datasheet (PDF) - Omron Electronics LLC

MY2IN1-D2 Datasheet PDF - Omron Electronics LLC
Part # MY2IN1-D2
Download  MY2IN1-D2 Download
File Size   446.93 Kbytes
Page   18 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Versatile and Function-filled Miniature Power Relay for Sequence Control and Power Switching Applications

MY2IN1-D2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MY2IN1-D2 Datasheet PDF - Omron Electronics LLC

Part # MY2IN1-D2
Download  MY2IN1-D2 Click to download

File Size   446.93 Kbytes
Page   18 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Versatile and Function-filled Miniature Power Relay for Sequence Control and Power Switching Applications

MY2IN1-D2 Datasheet (HTML) - Omron Electronics LLC


MY2IN1-D2 Product details

Versatile and Function-filled Miniature Power Relay for Sequence Control and Power Switching Applications

• Models with lockable test buttons now available.
• Many variations possible through a selection of operation indicators (mechanical and LED indicators), lockable test button, built-in diode and CR (surge suppression), bifurcated contacts, etc.
• Arc barrier standard on 4-pole Relays.
• Dielectric strength: 2,000 VAC (coil to contact)
• Environment-friendly cadmium-free contacts.
• Safety standard approvals obtained.
• Wide range of Sockets (PY, PYF Series) and optional parts are available.
• Max. Switching Current: 2-pole: 10 A, 4-pole: 5 A
• Provided with nameplate.




Similar Part No. - MY2IN1-D2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MY2IN1-D2 OMRON-MY2IN1-D2 Datasheet
2Mb / 20P
General-purpose Relay
More results


Similar Description - MY2IN1-D2

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
TIP100 BOCA-TIP100 Datasheet
26Kb / 2P
Power Darlingtons for Linear and Switching Applications
logo
Toshiba Semiconductor
RSF05G1-1P TOSHIBA-RSF05G1-1P Datasheet
311Kb / 6P
LOW POWER SWITCHING AND CONTROL APPLICATIONS
USF05G49 TOSHIBA-USF05G49 Datasheet
351Kb / 6P
LOW POWER SWITCHING AND CONTROL APPLICATIONS
logo
GE Solid State
BTA20 GESS-BTA20 Datasheet
238Kb / 5P
6-A Silicon Triacs For Power-Control and Power-Switching Applications
logo
Omron Electronics LLC
G2A-434A-NAC115 OMRON-G2A-434A-NAC115 Datasheet
678Kb / 10P
Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
PY08-02 OMRON-PY08-02 Datasheet
590Kb / 16P
Versatile and Function-filled Miniature Power
logo
Toshiba Semiconductor
SF0R3G42 TOSHIBA-SF0R3G42 Datasheet
305Kb / 6P
LOW POWER SWITCHING AND CONTROL APPLICATIONS
logo
Omron Electronics LLC
G2A OMRON-G2A Datasheet
678Kb / 10P
Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
CJ1G-CPU4XP OMRON-CJ1G-CPU4XP Datasheet
578Kb / 10P
Integrated Loop Control and Sequence
logo
Toshiba Semiconductor
SFOR3G42 TOSHIBA-SFOR3G42 Datasheet
307Kb / 5P
LOW POWER SWITCHING AND CONTROL APPLICATIONS
1966-12-02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com