Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12C508A-04I-SM Datasheet (PDF) - Microchip Technology

PIC12C508A-04I-SM Datasheet PDF - Microchip Technology
Part # PIC12C508A-04I-SM
Download  PIC12C508A-04I-SM Download
File Size   48.76 Kbytes
Page   6 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Errata Sheet for PIC12C508A/509A (Rev. A Silicon)

PIC12C508A-04I-SM Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC12C508A-04I-SM Datasheet PDF - Microchip Technology

Part # PIC12C508A-04I-SM
Download  PIC12C508A-04I-SM Click to download

File Size   48.76 Kbytes
Page   6 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Errata Sheet for PIC12C508A/509A (Rev. A Silicon)

PIC12C508A-04I-SM Datasheet (HTML) - Microchip Technology


PIC12C508A-04I-SM Product details

GENERAL DESCRIPTION
The PIC12C5XX from Microchip Technology is a family of low-cost, high performance, 8-bit, fully static, EEPROM/EPROM/ROM-based CMOS microcontrollers. It employs a RISC architecture with only 33 single word/single cycle instructions. All instructions are single cycle (1 µs) except for program branches which take two cycles. The PIC12C5XX delivers performance an order of magnitude higher than its competitors in the same price category. The 12-bit wide instructions are highly symmetrical resulting in 2:1 code compression over other 8-bit microcontrollers in its class. The easy to use and easy to remember instruction set reduces development time significantly.

High-Performance RISC CPU:
• Only 33 single word instructions to learn
• All instructions are single cycle (1 µs) except for program branches which are two-cycle
• Operating speed: DC - 4 MHz clock input DC - 1 µs instruction cycle
• 12-bit wide instructions
• 8-bit wide data path
• Seven special function hardware registers
• Two-level deep hardware stack
• Direct, indirect and relative addressing modes for data and instructions
• Internal 4 MHz RC oscillator with programmable calibration
• In-circuit serial programming

Peripheral Features:
• 8-bit real time clock/counter (TMR0) with 8-bit programmable prescaler
• Power-On Reset (POR)
• Device Reset Timer (DRT)
• Watchdog Timer (WDT) with its own on-chip RC oscillator for reliable operation
• Programmable code-protection
• 1,000,000 erase/write cycle EEPROM data memory
• EEPROM data retention > 40 years
• Power saving SLEEP mode
• Wake-up from SLEEP on pin change
• Internal weak pull-ups on I/O pins
• Internal pull-up on MCLR pin
• Selectable oscillator options:
   - INTRC: Internal 4 MHz RC oscillator
   - EXTRC: External low-cost RC oscillator
   - XT: Standard crystal/resonator
   - LP: Power saving, low frequency crystal

CMOS Technology:
• Low power, high speed CMOS EPROM/ROM technology
• Fully static design
• Wide operating voltage range
• Wide temperature range:
   - Commercial: 0°C to +70°C
   - Industrial: -40°C to +85°C
   - Extended: -40°C to +125°C
• Low power consumption
   - < 2 mA @ 5V, 4 MHz
   - 15 µA typical @ 3V, 32 KHz
   - < 1 µA typical standby current




Similar Part No. - PIC12C508A-04I-SM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12C508A-04I MICROCHIP-PIC12C508A-04I Datasheet
75Kb / 4P
PIC12C5XX Data Sheet Errata
10/20/04
PIC12C508A-04I MICROCHIP-PIC12C508A-04I Datasheet
1Mb / 113P
8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
More results


Similar Description - PIC12C508A-04I-SM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C662 MICROCHIP-PIC16C662 Datasheet
65Kb / 4P
PIC16C662 Rev. A Silicon Errata Sheet
1998 - 1999
PIC16C641 MICROCHIP-PIC16C641 Datasheet
67Kb / 4P
Silicon Errata Sheet
1998 - 1999
PIC16C642 MICROCHIP-PIC16C642 Datasheet
63Kb / 5P
PIC16C642 Rev. A Silicon Errata Sheet
1998 - 2002
PIC16C73A MICROCHIP-PIC16C73A Datasheet
68Kb / 4P
Errata Sheet for Rev. B PIC16C73A Silicon
1996
PIC18F8720 MICROCHIP-PIC18F8720 Datasheet
289Kb / 12P
Rev. A4 Silicon/Data Sheet Errata
2005
PIC12F508-I-SN MICROCHIP-PIC12F508-I-SN Datasheet
277Kb / 4P
PIC12F508/509 Rev. A Silicon/Data Sheet Errata
06/25/07
PIC16C74A-JW MICROCHIP-PIC16C74A-JW Datasheet
94Kb / 8P
PIC16C74A Rev. A Silicon Errata Sheet
01/30/01
PIC16C717-EP MICROCHIP-PIC16C717-EP Datasheet
94Kb / 6P
PIC16C717/770/771 Rev. C Silicon/Data Sheet Errata
08/01/02
PIC10F222-IP MICROCHIP-PIC10F222-IP Datasheet
179Kb / 6P
PIC10F220/222 Rev. A Silicon Errata
02/16/06
PIC16CR83 MICROCHIP-PIC16CR83 Datasheet
64Kb / 4P
PIC16CR83 Rev. A Silicon Errata Sheet
11/15/99
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com