Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5007NL Datasheet (PDF) - Micrel Semiconductor

H5007NL Datasheet PDF - Micrel Semiconductor
Part # H5007NL
Download  H5007NL Download
File Size   424.14 Kbytes
Page   56 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Gigabit Ethernet Transceiver with RGMII Support

H5007NL Datasheet (PDF)

Go To PDF Page Download Datasheet
H5007NL Datasheet PDF - Micrel Semiconductor

Part # H5007NL
Download  H5007NL Click to download

File Size   424.14 Kbytes
Page   56 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Gigabit Ethernet Transceiver with RGMII Support

H5007NL Datasheet (HTML) - Micrel Semiconductor


H5007NL Product details

General Description
The KSZ9021RL is a completely integrated triple speed (10Base-T/100Base-TX/1000Base-T) Ethernet Physical Layer Transceiver for transmission and reception of data over standard CAT-5 unshielded twisted pair (UTP) cable.

Features
• Single-chip 10/100/1000Mbps IEEE 802.3 compliant Ethernet Transceiver
• RGMII interface compliant to RGMII Version 1.3
• RGMII I/Os with 3.3V/2.5V tolerant and programmable timings to adjust and correct delays on both Tx and Rx paths
• Auto-negotiation to automatically select the highest link up speed (10/100/100Mbps) and duplex (half/full)
• On-chip termination resistors for the differential pairs
• On-chip LDO controller to support single 3.3V supply operation – requires only external FET to generate 1.2V for the core
• Jumbo frame support up to 16KB
• 125MHz Reference Clock Output
• Programmable LED outputs for link, activity and speed
• Baseline Wander Correction
• LinkMD® TDR-based cable diagnostics for identification of faulty copper cabling
• Parametric NAND Tree support for fault detection between chip I/Os and board.
• Loopback modes for diagnostics
• Automatic MDI/MDI-X crossover for detection and correction of pair swap at all speeds of operation
• Automatic detection and correction of pair swap, pair skew and pair polarity
• MDC/MDIO Management Interface for PHY register configuration
• Interrupt pin option
• Power down and power saving modes
• Operating Voltages
    Core: 1.2V (external FET or regulator)
    I/O: 3.3V or 2.5V
    Transceiver: 3.3V
• Available packages
    64-pin E-LQFP (10mm x 10mm): KSZ9021RL
    48-pin QFN (7mm x 7mm): KSZ9021RN

Applications
• Laser/Network printer
• Network attached storage (NAS)
• Network server
• Gigabit LAN on motherboard (GLOM)
• Broadband gateway
• Gigabit SOHO/SMB router
• IPTV
• IP Set-top box
• Game console
• Triple-play (data, voice, video) media center
• Media converter




Similar Part No. - H5007NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H5007NL PULSE-H5007NL Datasheet
1Mb / 4P
1000BASE-T Magnetic S module
H5007NL PULSE-H5007NL Datasheet
1Mb / 4P
RoHS peak reflow temperature rating 245 C
H5007NL PULSE-H5007NL Datasheet
1Mb / 4P
1000BASE-T Magnet icSmodules Designed to Support 1:1 Turns Ratio Transceivers
H5007NL PULSE-H5007NL Datasheet
203Kb / 4P
1000BASE-T MAGNETICS MODULES Designed to Support 1:1 Turns Ratio Transceivers
H5007NL PULSE-H5007NL Datasheet
203Kb / 4P
1000BASE-T MAGNETICS MODULES
More results


Similar Description - H5007NL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ9021RN MICREL-KSZ9021RN Datasheet
124Kb / 2P
Single-port Gigabit Transceiver with RGMII Support
KSZ9031RNX MICREL-KSZ9031RNX Datasheet
973Kb / 75P
Gigabit Ethernet Transceiver with RGMII Support
KSZ9021GN MICREL-KSZ9021GN Datasheet
424Kb / 53P
Gigabit Ethernet Transceiver with GMII / MII Support
KSZ9021GQ MICREL-KSZ9021GQ Datasheet
485Kb / 59P
Gigabit Ethernet Transceiver with GMII / MII Support
logo
Microchip Technology
KSZ9031RNX MICROCHIP-KSZ9031RNX Datasheet
854Kb / 78P
Gigabit Ethernet Transceiver with RGMII Support
06/23/16
KSZ9021RL MICROCHIP-KSZ9021RL Datasheet
661Kb / 67P
Gigabit Ethernet Transceiver with RGMII Support
05/14/19
KSZ9131MNX MICROCHIP-KSZ9131MNX Datasheet
2Mb / 146P
Gigabit Ethernet Transceiver with GMII/MII Support
02/28/20
KSZ9131RNX MICROCHIP-KSZ9131RNX Datasheet
3Mb / 154P
Gigabit Ethernet Transceiver with RGMII Support
02/28/20
KSZ9031MNX MICROCHIP-KSZ9031MNX_V01 Datasheet
820Kb / 73P
Gigabit Ethernet Transceiver with GMII/MII Support
DS00002096F (04-26-22)
KSZ9031RNX MICROCHIP-KSZ9031RNX_V01 Datasheet
866Kb / 81P
Gigabit Ethernet Transceiver with RGMII Support
DS00002117J (04-26-22)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com