Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FST16213 Datasheet (PDF) - Fairchild Semiconductor

FST16213 Datasheet PDF - Fairchild Semiconductor
Part # FST16213
Download  FST16213 Download
File Size   153.41 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 24-Bit Bus Exchange Switch

FST16213 Datasheet (PDF)

Go To PDF Page Download Datasheet
FST16213 Datasheet PDF - Fairchild Semiconductor

Part # FST16213
Download  FST16213 Click to download

File Size   153.41 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 24-Bit Bus Exchange Switch

FST16213 Datasheet (HTML) - Fairchild Semiconductor


FST16213 Product details

General Description

The Fairchild Switch FST16213 provides 24-bits of high speed CMOS TTL-compatible bus switching or exchanging. The low on resistance of the switch allows inputs to be connected to outputs without adding propagation delay or

generating additional ground bounce noise.



Features

■ 4Ω switch connection between two ports.

■ Minimal propagation delay through the switch.

■ Low lCC.

■ Zero bounce in flow-through mode.

■ Control inputs compatible with TTL level.




Similar Part No. - FST16213

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST16210 FAIRCHILD-FST16210 Datasheet
110Kb / 4P
20-Bit Bus Switch
FST16210MTD FAIRCHILD-FST16210MTD Datasheet
118Kb / 4P
20-Bit Bus Switch
FST16210 FAIRCHILD-FST16210_05 Datasheet
118Kb / 4P
20-Bit Bus Switch
FST16211 FAIRCHILD-FST16211 Datasheet
287Kb / 8P
24-Bit Bus Switch
logo
ON Semiconductor
FST16211 ONSEMI-FST16211 Datasheet
392Kb / 9P
24-Bit Bus Switch
Revised July 2002
More results


Similar Description - FST16213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16213 TI-SN74CBT16213 Datasheet
83Kb / 5P
24-BIT FET BUS-EXCHANGE SWITCH
logo
Fairchild Semiconductor
FST16212 FAIRCHILD-FST16212 Datasheet
155Kb / 5P
24-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163212 IDT-IDT74FST163212 Datasheet
81Kb / 6P
24-BIT BUS EXCHANGE SWITCH
IDT74FST163213 IDT-IDT74FST163213 Datasheet
82Kb / 6P
24-BIT BUS EXCHANGE SWITCH
logo
Pericom Semiconductor C...
PI3B16212 PERICOM-PI3B16212 Datasheet
198Kb / 4P
3.3V, 24-Bit Bus Exchange Switch
PI5C16212 PERICOM-PI5C16212 Datasheet
135Kb / 5P
24-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74CBTLV16212 IDT-IDT74CBTLV16212 Datasheet
76Kb / 5P
LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
logo
Pericom Semiconductor C...
PI3B16213 PERICOM-PI3B16213 Datasheet
185Kb / 4P
3.3V, 24-Bit Bus-Exchange Switch
logo
Texas Instruments
SN74CBT16213 TI1-SN74CBT16213_08 Datasheet
333Kb / 11P
24-BIT FET BUS-EXCHANGE SWITCH
logo
Renesas Technology Corp
74CBTLV16212 RENESAS-74CBTLV16212 Datasheet
281Kb / 6P
LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
JUNE 2019
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com