Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FST162861 Datasheet (PDF) - Fairchild Semiconductor

FST162861 Datasheet PDF - Fairchild Semiconductor
Part # FST162861
Download  FST162861 Download
File Size   82.14 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 20-Bit Bus Switch with 25W Series Resistors in Outputs

FST162861 Datasheet (PDF)

Go To PDF Page Download Datasheet
FST162861 Datasheet PDF - Fairchild Semiconductor

Part # FST162861
Download  FST162861 Click to download

File Size   82.14 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 20-Bit Bus Switch with 25W Series Resistors in Outputs

FST162861 Datasheet (HTML) - Fairchild Semiconductor


FST162861 Product details

General Description
The Fairchild Switch FST162861 provides 20-bits of highspeed CMOS TTL-compatible bus switching. The low On Resistance of the switch allows inputs to be connected to outputs without adding propagation delay or generating additional ground bounce noise.

Features
■ 25: switch connection between two ports.
■ Minimal propagation delay through the switch.
■ Low lCC.
■ Zero bounce in flow-through mode.
■ Control inputs compatible with TTL level.




Similar Part No. - FST162861

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST162861 FAIRCHILD-FST162861 Datasheet
166Kb / 5P
20-Bit Bus Switch with 25ohm Series Resistors in Outputs
FST162861MTD FAIRCHILD-FST162861MTD Datasheet
166Kb / 5P
20-Bit Bus Switch with 25ohm Series Resistors in Outputs
FST162861MTDX_NL FAIRCHILD-FST162861MTDX_NL Datasheet
166Kb / 5P
20-Bit Bus Switch with 25ohm Series Resistors in Outputs
FST162861 FAIRCHILD-FST162861_05 Datasheet
166Kb / 5P
20-Bit Bus Switch with 25ohm Series Resistors in Outputs
More results


Similar Description - FST162861

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F2243 FAIRCHILD-74F2243 Datasheet
31Kb / 3P
Quad Bus Transceiver with 25W Series Resistors in the Outputs
FST162245 FAIRCHILD-FST162245 Datasheet
189Kb / 4P
16-Bit Bus Switch with 25??Series Resistors in Outputs
FST34X2245 FAIRCHILD-FST34X2245 Datasheet
361Kb / 5P
32-Bit Bus Switch with 25??Series Resistors in Outputs
FSTD162861 FAIRCHILD-FSTD162861 Datasheet
173Kb / 6P
20-Bit Bus Switch with Level Shifting and 25??Series Resistors in Outputs Preliminary
FSTU162450 FAIRCHILD-FSTU162450 Datasheet
476Kb / 10P
Configurable 4-Bit to 20-Bit Bus Switch with .2V Undershoot Protection and 25??Series Resistors in Outputs (Preliminary)
logo
Pericom Semiconductor C...
PI5C32X2384 PERICOM-PI5C32X2384 Datasheet
80Kb / 3P
20-Bit Bus Switch with 25W Series Resistor
logo
STMicroelectronics
B5S162862 STMICROELECTRONICS-B5S162862 Datasheet
208Kb / 9P
20-BIT TWO PORT BUS SWITCH WITH FOUR ENABLE CONTROL AND 25W SERIES RESISTOR IN OUTPUT
Feb-2003
logo
Fairchild Semiconductor
FST34X2245 FAIRCHILD-FST34X2245_05 Datasheet
128Kb / 5P
32-Bit Bus Switch with 25ohm Series Resistors in Outputs
FST162861 FAIRCHILD-FST162861_05 Datasheet
166Kb / 5P
20-Bit Bus Switch with 25ohm Series Resistors in Outputs
logo
Texas Instruments
SN74CBT16800 TI1-SN74CBT16800 Datasheet
71Kb / 5P
20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com