Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3P015-QNG68 Datasheet (PDF) - Microsemi Corporation

A3P015-QNG68 Datasheet PDF - Microsemi Corporation
Part # A3P015-QNG68
Download  A3P015-QNG68 Download
File Size   10669.38 Kbytes
Page   220 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 15 k to 1 M System Gates, Up to 144 kbits of True Dual-Port SRAM

A3P015-QNG68 Datasheet (PDF)

Go To PDF Page Download Datasheet
A3P015-QNG68 Datasheet PDF - Microsemi Corporation

Part # A3P015-QNG68
Download  A3P015-QNG68 Click to download

File Size   10669.38 Kbytes
Page   220 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 15 k to 1 M System Gates, Up to 144 kbits of True Dual-Port SRAM

A3P015-QNG68 Datasheet (HTML) - Microsemi Corporation


A3P015-QNG68 Product details

Features and Benefits
High Capacity
   • 15 k to 1 M System Gates
   • Up to 144 kbits of True Dual-Port SRAM
   • Up to 300 User I/Os
Reprogrammable Flash Technology
   • 130-nm, 7-Layer Metal (6 Copper), Flash-Based CMOS Process
   • Instant On Level 0 Support
   • Single-Chip Solution
   • Retains Programmed Design when Powered Off
High Performance
   • 350 MHz System Performance
   • 3.3 V, 66 MHz 64-Bit PCI†
In-System Programming (ISP) and Security
   • ISP Using On-Chip 128-Bit Advanced Encryption Standard (AES) Decryption (except ARM®-enabled ProASIC®3 devices) via JTAG (IEEE 1532–compliant)†
   • FlashLock® to Secure FPGA Contents
Low Power
   • Core Voltage for Low Power
   • Support for 1.5 V-Only Systems
   • Low-Impedance Flash Switches
High-Performance Routing Hierarchy
   • Segmented, Hierarchical Routing and Clock Structure
Advanced I/O
   • 700 Mbps DDR, LVDS-Capable I/Os (A3P250 and above)
   • 1.5 V, 1.8 V, 2.5 V, and 3.3 V Mixed-Voltage Operation
   • Wide Range Power Supply Voltage Support per JESD8-B, Allowing I/Os to Operate from 2.7 V to 3.6 V
   • Bank-Selectable I/O Voltages—up to 4 Banks per Chip
   • Single-Ended I/O Standards: LVTTL, LVCMOS 3.3 V / 2.5 V / 1.8 V / 1.5 V, 3.3 V PCI / 3.3 V PCI-X† and LVCMOS 2.5 V / 5.0 V Input
   • Differential I/O Standards: LVPECL, LVDS, B-LVDS, and M-LVDS (A3P250 and above)
   • I/O Registers on Input, Output, and Enable Paths
   • Hot-Swappable and Cold Sparing I/Os‡
   • Programmable Output Slew Rate† and Drive Strength
   • Weak Pull-Up/-Down
   • IEEE 1149.1 (JTAG) Boundary Scan Test
   • Pin-Compatible Packages across the ProASIC3 Family
Clock Conditioning Circuit (CCC) and PLL†
   • Six CCC Blocks, One with an Integrated PLL
   • Configurable Phase-Shift, Multiply/Divide, Delay Capabilities and External Feedback
   • Wide Input Frequency Range (1.5 MHz to 350 MHz)
Embedded Memory†
   • 1 kbit of FlashROM User Nonvolatile Memory
   • SRAMs and FIFOs with Variable-Aspect-Ratio 4,608-Bit RAM Blocks (×1, ×2, ×4, ×9, and ×18 organizations)†
   • True Dual-Port SRAM (except ×18)
ARM Processor Support in ProASIC3 FPGAs
   • M1 ProASIC3 Devices—ARM®Cortex™-M1 Soft Processor Available with or without Debug




Similar Part No. - A3P015-QNG68

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P015-QNG100 MICROSEMI-A3P015-QNG100 Datasheet
10Mb / 220P
ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P015-QNG100ES MICROSEMI-A3P015-QNG100ES Datasheet
10Mb / 220P
ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P015-QNG100I MICROSEMI-A3P015-QNG100I Datasheet
10Mb / 220P
ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P015-QNG100PP MICROSEMI-A3P015-QNG100PP Datasheet
10Mb / 220P
ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P015-QNG100Y MICROSEMI-A3P015-QNG100Y Datasheet
10Mb / 220P
ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
More results


Similar Description - A3P015-QNG68

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT94K ATMEL-AT94K Datasheet
1Mb / 192P
5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT94KAL ATMEL-AT94KAL Datasheet
170Kb / 5P
5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
logo
Microsemi Corporation
A3P125-PQG208 MICROSEMI-A3P125-PQG208 Datasheet
10Mb / 220P
Up to 144 kbits of True Dual-Port SRAM
A3P1000-FG484 MICROSEMI-A3P1000-FG484 Datasheet
10Mb / 220P
High Capacity - 15 k to 1 M System Gates, Up to 144 kbits of True Dual-Port SRAM
A40MX02-FPL68 MICROSEMI-A40MX02-FPL68 Datasheet
7Mb / 142P
Single-Chip ASIC Alternative, 3,000 to 54,000 System Gates, Up to 2.5 kbits Configurable Dual-Port SRAM
A1225A-PQ100I MICROSEMI-A1225A-PQ100I Datasheet
2Mb / 54P
Up to 8,000 Gate Array Gates(20,000 PLD equivalent gates)
A1425A-PL84C MICROSEMI-A1425A-PL84C Datasheet
4Mb / 90P
Up to 10,000 Gate Array Equivalent Gates (up to 25,000 equivalent PLD Gates)
logo
Actel Corporation
APA075-FGG144 ACTEL-APA075-FGG144 Datasheet
352Kb / 10P
75,000 to 1 Million System Gates
logo
ATMEL Corporation
MG2RT ATMEL-MG2RT_14 Datasheet
225Kb / 13P
Full Range of Matrices with up to 480K Gates
logo
Xilinx, Inc
XCV400E-6PQ240C XILINX-XCV400E-6PQ240C Datasheet
89Kb / 5P
Densities from 58 k to 4 M system gates
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com