Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FST3244 Datasheet (PDF) - Fairchild Semiconductor

FST3244 Datasheet PDF - Fairchild Semiconductor
Part # FST3244
Download  FST3244 Download
File Size   111.93 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Octal Bus Switch

FST3244 Datasheet (PDF)

Go To PDF Page Download Datasheet
FST3244 Datasheet PDF - Fairchild Semiconductor

Part # FST3244
Download  FST3244 Click to download

File Size   111.93 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Octal Bus Switch

FST3244 Datasheet (HTML) - Fairchild Semiconductor


FST3244 Product details

General Description
The Fairchild Switch FST3244 provides 8-bits of high speed CMOS TTL-compatible bus switching in a standard ’244 pin-out. The low on resistance of the switch allows inputs to be connected to outputs without adding propagation delay or generating additional ground bounce noise.
The device is organized as two 4-bit switches with separate OE inputs. When OE is LOW, the switch is ON and Port A is connected to Port B. When OE is HIGH, the switch is OPEN and a high-impedance state exists between the two ports.

Features
■ 4Ω switch connection between two ports.
■ Minimal propagation delay through the switch.
■ Low lCC.
■ Zero bounce in flow-through mode.
■ Control inputs compatible with TTL level.




Similar Part No. - FST3244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3244 FAIRCHILD-FST3244 Datasheet
459Kb / 9P
8-Bit Bus Switch
FST3244MTCX FAIRCHILD-FST3244MTCX Datasheet
459Kb / 9P
8-Bit Bus Switch
FST3244QSCX FAIRCHILD-FST3244QSCX Datasheet
459Kb / 9P
8-Bit Bus Switch
FST3244WMX FAIRCHILD-FST3244WMX Datasheet
459Kb / 9P
8-Bit Bus Switch
FST3244 FAIRCHILD-FST3244_08 Datasheet
459Kb / 9P
8-Bit Bus Switch
More results


Similar Description - FST3244

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MB3245FK TOSHIBA-TC7MB3245FK Datasheet
189Kb / 5P
OCTAL BUS SWITCH
TC7MBD3244FK TOSHIBA-TC7MBD3244FK Datasheet
226Kb / 7P
OCTAL BUS SWITCH
TC7MBD3245FK TOSHIBA-TC7MBD3245FK Datasheet
220Kb / 7P
OCTAL BUS SWITCH
logo
Fairchild Semiconductor
FST3245 FAIRCHILD-FST3245 Datasheet
110Kb / 6P
Octal Bus Switch
logo
Toshiba Semiconductor
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK Datasheet
105Kb / 7P
Octal Bus Switch
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
Octal Bus Switch
TC7MBD3244AFK TOSHIBA-TC7MBD3244AFK Datasheet
197Kb / 7P
Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK_07 Datasheet
178Kb / 7P
Octal Bus Switch
logo
NXP Semiconductors
CBT3245A PHILIPS-CBT3245A_15 Datasheet
383Kb / 16P
Octal bus switch
Rev. 3-5 January 2012
logo
Nexperia B.V. All right...
CBT3245A-Q100 NEXPERIA-CBT3245A-Q100 Datasheet
222Kb / 12P
Octal bus switch
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com