Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS552G-02I Datasheet (PDF) - Integrated Device Technology

ICS552G-02I Datasheet PDF - Integrated Device Technology
Part # ICS552G-02I
Download  ICS552G-02I Download
File Size   109.07 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER

ICS552G-02I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS552G-02I Datasheet PDF - Integrated Device Technology

Part # ICS552G-02I
Download  ICS552G-02I Click to download

File Size   109.07 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER

ICS552G-02I Datasheet (HTML) - Integrated Device Technology


ICS552G-02I Product details

Description
The ICS552-02 is a low skew, single-input to eight output clock buffer. It is part of ICS’ Clock Blocks™ family. See the ICS553 for a 1 to 4 low skew buffer. For more than 8 outputs see the MK74CBxxx Buffalo™ series of clock drivers. ICS makes many non-PLL and PLL based low skew output devices as well as Zero Delay Buffers to synchronize clocks. Contact us for all of your clocking needs.

Features
• Extremely low skew outputs (50ps maximum)
• Packaged in 16 pin TSSOP
• Low power CMOS technology
• Operating Voltages of 2.5 V to 5 V
• Output Enable pin tri-states outputs
• 5 V tolerant input clocks
• Input/Output clock frequency up to 200 MHz
• Input clock multiplexer simplifies clock selection




Similar Part No. - ICS552G-02I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS552G-02 ICST-ICS552G-02 Datasheet
96Kb / 6P
LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
Revision 050401
ICS552G-02T ICST-ICS552G-02T Datasheet
96Kb / 6P
LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
Revision 050401
More results


Similar Description - ICS552G-02I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS552-02 ICST-ICS552-02 Datasheet
96Kb / 6P
LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
Revision 050401
logo
Integrated Device Techn...
552G-02ILN IDT-552G-02ILN Datasheet
104Kb / 7P
LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
ICS552-02 IDT-ICS552-02 Datasheet
109Kb / 7P
LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER Industrial temperature
logo
Silicon Laboratories
SI53360 SILABS-SI53360 Datasheet
1Mb / 15P
1:8 LOW JITTER CMOS CLOCK BUFFER WITH 2:1 INPUT MUX
logo
Integrated Device Techn...
552-02S IDT-552-02S Datasheet
132Kb / 10P
Low Skew 2-input MUX and 1 to 8 Clock Buffer
552-02S IDT-552-02S_17 Datasheet
377Kb / 12P
Low Skew 2-input MUX and 1 to 8 Clock Buffer
logo
Renesas Technology Corp
74FCT38072S RENESAS-74FCT38072S Datasheet
534Kb / 9P
Low Skew 1 to 2 Clock Buffer
FEBRUARY 3, 2023
IDT5P30017 RENESAS-IDT5P30017 Datasheet
260Kb / 9P
Low Skew 1 to 2 Clock Buffer
2019
552-02S RENESAS-552-02S Datasheet
668Kb / 13P
Low Skew 2-input MUX and 1 to 8 Clock Buffer
2019
ICS552-02 RENESAS-ICS552-02 Datasheet
262Kb / 8P
LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
051310
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com