Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9858BSVZ Datasheet (PDF) - Analog Devices

AD9858BSVZ Datasheet PDF - Analog Devices
Part # AD9858BSVZ
Download  AD9858BSVZ Download
File Size   838.39 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 GSPS Direct Digital Synthesizer

AD9858BSVZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9858BSVZ Datasheet PDF - Analog Devices

Part # AD9858BSVZ
Download  AD9858BSVZ Click to download

File Size   838.39 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 GSPS Direct Digital Synthesizer

AD9858BSVZ Datasheet (HTML) - Analog Devices


AD9858BSVZ Product details

GENERAL DESCRIPTION
The AD9858 is a direct digital synthesizer (DDS) featuring a 10-bit digital-to-analog converter (DAC) operating up to 1 GSPS. The AD9858 uses advanced DDS technology coupled with an internal high speed, high performance DAC to form a digitally programmable, complete high frequency synthesizer capable of generating a frequency-agile analog output sine wave at up to 400 MHz.

FEATURES
    1 GSPS internal clock speed
    Up to 2 GHz input clock (selectable divide-by-2)
    Integrated 10-bit DAC
    Excellent phase noise and SFDR
    32-bit programmable frequency register
    Simplified 8-bit parallel and SPI serial control interface
    Automatic frequency sweeping capability
    4 frequency profiles
    3.3 V power supply
    Power dissipation: 2 W typical
    Integrated programmable charge pump and phase frequency detector with fast lock circuit
    Isolated charge pump supply up to 5 V
    Integrated 2 GHz mixer

APPLICATIONS
    VHF/UHF LO synthesis
    Tuners
    Instrumentation
    Agile clock synthesis
    Cellular base station hopping synthesizers
    Radars
    SONET/SDH clock synthesis




Similar Part No. - AD9858BSVZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9858BSVZ AD-AD9858BSVZ Datasheet
837Kb / 32P
1 GSPS Direct Digital Synthesizer
Rev. C
More results


Similar Description - AD9858BSVZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9858 AD-AD9858 Datasheet
1Mb / 32P
1 GSPS Direct Digital Synthesizer
AD9910 AD-AD9910 Datasheet
488Kb / 13P
1 GSPS 14-Bit, 3.3V CMOS Direct Digital Synthesizer
AD9912 AD-AD9912 Datasheet
113Kb / 3P
1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
6/10-Rev. E to Rev. F
AD9910 AD-AD9910_07 Datasheet
1Mb / 60P
1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
5/07-Revision 0
AD9915 AD-AD9915 Datasheet
877Kb / 48P
2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. A
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9914 AD-AD9914 Datasheet
852Kb / 48P
3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9858 AD-AD9858_15 Datasheet
838Kb / 32P
1 GSPS Direct Digital Synthesizer
REV. C
AD9914 AD-AD9914_16 Datasheet
1Mb / 45P
3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
6/2016-Rev. E to Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com