Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL312ACPZ Datasheet (PDF) - Analog Devices

ADXL312ACPZ Datasheet PDF - Analog Devices
Part # ADXL312ACPZ
Download  ADXL312ACPZ Download
File Size   434.06 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer

ADXL312ACPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL312ACPZ Datasheet PDF - Analog Devices

Part # ADXL312ACPZ
Download  ADXL312ACPZ Click to download

File Size   434.06 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer

ADXL312ACPZ Datasheet (HTML) - Analog Devices


ADXL312ACPZ Product details

GENERAL DESCRIPTION
The ADXL312 is a small, thin, low power, 3-axis accelerometer with high resolution (13-bit) measurement up to ±12 g. Digital output data is formatted as 16-bit twos complement and is accessible through either a SPI (3- or 4-wire) or I2C digital interface.

FEATURES
    Ultralow power: as low as 57 μA in measurement mode and 0.1 μA in standby mode at VS = 3.3 V (typical)
    Power consumption scales automatically with bandwidth
    User-selectable resolution
        Fixed 10-bit resolution
        Full resolution, where resolution increases with g range, up to 13-bit resolution at ±12 g (maintaining 2.9 mg/LSB scale factor in all g ranges)
    Embedded, patent pending FIFO technology minimizes host processor load
    Built-in motion detection functions for activity/inactivity monitoring
    Supply and I/O voltage range: 2.0 V to 3.6 V
    SPI (3- and 4-wire) and I2C digital interfaces
    Flexible interrupt modes mappable to either interrupt pin
    Measurement ranges selectable via serial command
    Bandwidth selectable via serial command
    Wide temperature range (−40 to +105°C)
    10,000 g shock survival
    Pb free/RoHS compliant
    Small and thin: 5 mm × 5 mm × 1.45 mm LFCSP package
    Qualified for automotive applications

APPLICATIONS
    Car alarm
    Hill start aid (HSA)
    Electronic parking brake
    Data recorder (black box)




Similar Part No. - ADXL312ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL312ACPZ AD-ADXL312ACPZ Datasheet
507Kb / 32P
3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
Rev. B
ADXL312ACPZ-RL AD-ADXL312ACPZ-RL Datasheet
507Kb / 32P
3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
Rev. B
More results


Similar Description - ADXL312ACPZ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6270Q FREESCALE-MMA6270Q Datasheet
129Kb / 8P
짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6270QT FREESCALE-MMA6270QT Datasheet
281Kb / 11P
짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6270QT FREESCALE-MMA6270QT_07 Datasheet
326Kb / 12P
짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6280QT FREESCALE-MMA6280QT Datasheet
326Kb / 12P
짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6270QT FREESCALE-MMA6270QT_08 Datasheet
192Kb / 12P
짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6280QT FREESCALE-MMA6280QT_08 Datasheet
191Kb / 13P
짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
logo
Analog Devices
ADXL312 AD-ADXL312 Datasheet
434Kb / 32P
3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
logo
NXP Semiconductors
MMA6270QT NXP-MMA6270QT Datasheet
242Kb / 12P
짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
Rev 4, 04/2008
MMA6280QT NXP-MMA6280QT Datasheet
245Kb / 13P
짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
Rev 4, 04/2008
logo
Analog Devices
ADXL312 AD-ADXL312_V01 Datasheet
507Kb / 32P
3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com