Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2950-06YZ Datasheet (PDF) - Micrel Semiconductor

MIC2950-06YZ Datasheet PDF - Micrel Semiconductor
Part # MIC2950-06YZ
Download  MIC2950-06YZ Download
File Size   1061.54 Kbytes
Page   20 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 150mA Low-Dropout Voltage Regulator

MIC2950-06YZ Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2950-06YZ Datasheet PDF - Micrel Semiconductor

Part # MIC2950-06YZ
Download  MIC2950-06YZ Click to download

File Size   1061.54 Kbytes
Page   20 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 150mA Low-Dropout Voltage Regulator

MIC2950-06YZ Datasheet (HTML) - Micrel Semiconductor


MIC2950-06YZ Product details

General Description

The MIC2950 and MIC2951 are “bulletproof” micropower voltage regulators with very low dropout voltage (typically 40mV at light loads and 250mV at 100mA), and very low quiescent current. Like their predecessors, the LP2950 and LP2951, the quiescent current of the MIC2950/MIC2951 increases only slightly in dropout, thus pro-longing battery life. The MIC2950/MIC2951 are pin for pin compatible with the LP2950/LP2951, but offer lower dropout, lower quiescent current, reverse battery, and automotive load dump protection.



Features

• High accuracy 3.3, 4.85, or 5V, guaranteed 150mA output

• Extremely low quiescent current

• Low-dropout voltage

• Extremely tight load and line regulation

• Very low temperature coefficient

• Use as regulator or reference

• Needs only 1.5µF for stability

• Current and thermal limiting

• Unregulated DC input can withstand –20V reverse battery and +60V positive transients



MIC2951 Version Only

• Error flag warns of output dropout

• Logic-controlled electronic shutdown

• Output programmable from 1.24 to 29V



Applications

• Automotive electronics

• Voltage reference

• Avionics

• Cellular telephones

• Battery powered equipment

• SMPS post-regulator

• High efficiency linear power supplies




Similar Part No. - MIC2950-06YZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2950-06YZ MICREL-MIC2950-06YZ Datasheet
1Mb / 20P
150mA Low-Dropout Voltage Regulator
More results


Similar Description - MIC2950-06YZ

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS112 ADMOS-AMS112 Datasheet
32Kb / 4P
150mA LOW DROPOUT VOLTAGE REGULATOR
AMS2930 ADMOS-AMS2930 Datasheet
81Kb / 9P
150mA LOW DROPOUT VOLTAGE REGULATOR
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950 Datasheet
146Kb / 14P
150mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2950 SIPEX-SPX2950 Datasheet
135Kb / 13P
150mA Low Dropout Voltage Regulator
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2930 ADMOS-AMS2930_08 Datasheet
78Kb / 9P
150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950_10 Datasheet
1Mb / 20P
150mA Low-Dropout Voltage Regulator
MIC2951-03YMTR MICREL-MIC2951-03YMTR Datasheet
1Mb / 20P
150mA Low-Dropout Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com