Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH6345-X017T Datasheet (PDF) - Vishay Siliconix

SFH6345-X017T Datasheet PDF - Vishay Siliconix
Part # SFH6345-X017T
Download  SFH6345-X017T Download
File Size   178.7 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/關s

SFH6345-X017T Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH6345-X017T Datasheet PDF - Vishay Siliconix

Part # SFH6345-X017T
Download  SFH6345-X017T Click to download

File Size   178.7 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/關s

SFH6345-X017T Datasheet (HTML) - Vishay Siliconix


SFH6345-X017T Product details

DESCRIPTION
The SFH6345 is an optocoupler with a GaAlAs infrared emitting diode, optically coupled to an integrated photo detector consisting of a photo diode and a high speed transistor in a DIP-8 plastic package. The device is similar to the 6N135 but has an additional faraday shield on the detector which enhances the input-output dV/dt immunity.

FEATURES
• Direct replacement for HCPL 4503
• High-speed optocoupler without base
   connection
• Isolation test voltage: 5300 VRMS
• GaAlAs emitter
• Integrated detector with photo diode and
   transistor
• High data transmission rate: 1 MBit/s
• TTL compatible
• Open collector output
• Good CTR linearity relative to forward current
• Field effect stable
• Low coupling capacitance
• Very high common mode transient immunity dV/dt:
   ≥ 15 kV/μs at VCM = 1500 V
• Material categorization: For definitions of compliance
   please see www.vishay.com/doc?99912

APPLICATIONS
• Data communications
• IGBT drivers
• Programmable controllers
• IPM (intelligent power module) drivers




Similar Part No. - SFH6345-X017T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6345-X017T VISHAY-SFH6345-X017T Datasheet
210Kb / 10P
Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/μs
03-Aug-15
SFH6345-X017T VISHAY-SFH6345-X017T Datasheet
214Kb / 10P
Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/μs
26-Jul-2019
More results


Similar Description - SFH6345-X017T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6701 VISHAY-SFH6701 Datasheet
408Kb / 16P
High Speed Optocoupler, 5 MBd, 1 kV/us dV/dt
27-Apr-04
SFH6345 VISHAY-SFH6345_08 Datasheet
182Kb / 8P
High Speed Optocoupler, 1 Mbd, 15 kV/µs CMR, Transistor Output
18-Feb-08
SFH6700 VISHAY-SFH6700_05 Datasheet
1Mb / 15P
High Speed Optocoupler, 5 MBd, 1 kV/µs dV/dt
15-Apr-05
SFH6345-X007T VISHAY-SFH6345-X007T Datasheet
178Kb / 7P
Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us
09-Mar-12
SFH6345-X001 VISHAY-SFH6345-X001 Datasheet
178Kb / 7P
Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us
09-Mar-12
logo
Analog Devices
ADUM250N AD-ADUM250N Datasheet
554Kb / 22P
High common-mode transient immunity: 100 kV/關s
REV. 0
ADUM260N AD-ADUM260N Datasheet
364Kb / 23P
High common-mode transient immunity: 100 kV/關s
REV. 0
logo
Vishay Siliconix
SFH6345 VISHAY-SFH6345 Datasheet
210Kb / 10P
Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/μs
03-Aug-15
SFH6345 VISHAY-SFH6345_V01 Datasheet
214Kb / 10P
Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/μs
26-Jul-2019
VOM453 VISHAY-VOM453_V01 Datasheet
130Kb / 9P
Analog High Speed Coupler, High Noise Immunity, 1 MBd, SOP-5 Package
31-May-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com