Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2010B-MFP Datasheet (PDF) - ATMEL Corporation

U2010B-MFP Datasheet PDF - ATMEL Corporation
Part # U2010B-MFP
Download  U2010B-MFP Download
File Size   331.07 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Phase-control IC with Current Feedback and Overload Protection

U2010B-MFP Datasheet (PDF)

Go To PDF Page Download Datasheet
U2010B-MFP Datasheet PDF - ATMEL Corporation

Part # U2010B-MFP
Download  U2010B-MFP Click to download

File Size   331.07 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Phase-control IC with Current Feedback and Overload Protection

U2010B-MFP Datasheet (HTML) - ATMEL Corporation


U2010B-MFP Product details

Description
The U2010B is designed as a phase-control circuit in bipolar technology. It enables load-current detection and has a soft-start function as well as reference voltage output. Motor control with load-current feedback and overload protection are preferred applications.

Features
● Full wave current sensing
● Mains supply variation compensated
● Programmable load-current limitation
   with over- and high-load output
● Variable soft start
● Voltage and current synchronization
● Automatic retriggering switchable
● Triggering pulse typical 125 mA
● Internal supply-voltage monitoring
● Current requirement ≤ 3 mA
● Temperature-compensated reference voltage

Applications
● Advanced motor control
● Grinder
● Drilling machine




Similar Part No. - U2010B-MFP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2010B-MFPY ATMEL-U2010B-MFPY Datasheet
298Kb / 13P
Low-cost Phase-control IC with Soft Start
More results


Similar Description - U2010B-MFP

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2146B NJRC-NJM2146B Datasheet
164Kb / 6P
VOLTAGE AND CURRENT CONTROL IC
logo
TEMIC Semiconductors
U2008B TEMIC-U2008B Datasheet
122Kb / 10P
Low Cost Current Feedback Phase Control Circuit
U2010B TEMIC-U2010B Datasheet
202Kb / 12P
Phase Control Circuit for Current Feedback
U210B TEMIC-U210B Datasheet
378Kb / 15P
Phase Control Circuit - Load Current Feedback Applications
logo
List of Unclassifed Man...
TDA2088 ETC1-TDA2088 Datasheet
276Kb / 3P
PHASE CONTROL INTEGRATED CURCUIT FOR CURRENT FEEDBACK APPLICATION
logo
Integral Corp.
IL2010B INTEGRAL-IL2010B Datasheet
274Kb / 7P
PHASE CONTROL CIRCUIT FOR CURRENT FEEDBACK
logo
TEMIC Semiconductors
U210B1 TEMIC-U210B1 Datasheet
166Kb / 12P
Phase Control Circuit Load Current Feedback Applications
logo
ATMEL Corporation
U211B ATMEL-U211B Datasheet
605Kb / 30P
Phase Control IC with Overload Limitation for Tacho Applications
U2010B ATMEL-U2010B Datasheet
394Kb / 18P
Phase-control IC with Current Feedback and Overload Protection
logo
ARTSCHIP ELECTRONICS CO...
U2010B ARTSCHIP-U2010B Datasheet
3Mb / 11P
Phase Control Circuit for Current Feedback
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com