Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT46H16M32LF Datasheet (PDF) - Micron Technology

MT46H16M32LF Datasheet PDF - Micron Technology
Part # MT46H16M32LF
Download  MT46H16M32LF Download
File Size   3106.79 Kbytes
Page   96 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description 512Mb: x16, x32 Mobile Low-Power DDR SDRAM Features

MT46H16M32LF Datasheet (PDF)

Go To PDF Page Download Datasheet
MT46H16M32LF Datasheet PDF - Micron Technology

Part # MT46H16M32LF
Download  MT46H16M32LF Click to download

File Size   3106.79 Kbytes
Page   96 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description 512Mb: x16, x32 Mobile Low-Power DDR SDRAM Features

MT46H16M32LF Datasheet (HTML) - Micron Technology


MT46H16M32LF Product details

Mobile Low-Power DDR SDRAM



Features

• VDD/VDDQ = 1.70–1.95V

• Bidirectional data strobe per byte of data (DQS)

• Internal, pipelined double data rate (DDR) architecture; two data accesses per clock cycle

• Differential clock inputs (CK and CK#)

• Commands entered on each positive CK edge

• DQS edge-aligned with data for READs; center aligned with data for WRITEs

• 4 internal banks for concurrent operation

• Data masks (DM) for masking write data; one mask per byte

• Programmable burst lengths (BL): 2, 4, 8, or 16

• Concurrent auto precharge option is supported

• Auto refresh and self refresh modes

• 1.8V LVCMOS-compatible inputs

• Temperature-compensated self refresh (TCSR)

• Partial-array self refresh (PASR)

• Deep power-down (DPD)

• Status read register (SRR)

• Selectable output drive strength (DS)

• Clock stop capability

• 64ms refresh, 32ms for automotive temperature




Similar Part No. - MT46H16M32LF

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46H16M32LF MICRON-MT46H16M32LF Datasheet
113Kb / 3P
Mobile Double Data Rate (DDR) SDRAM
More results


Similar Description - MT46H16M32LF

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4X56163PE SAMSUNG-K4X56163PE Datasheet
698Kb / 48P
16M x16 Mobile DDR SDRAM
K4X51163PC SAMSUNG-K4X51163PC Datasheet
217Kb / 23P
32M x16 Mobile-DDR SDRAM
K4X56323PG SAMSUNG-K4X56323PG Datasheet
242Kb / 23P
8M x32 Mobile-DDR SDRAM
K4X51323PC-7E SAMSUNG-K4X51323PC-7E Datasheet
246Kb / 25P
16M x32 Mobile-DDR SDRAM
K4X56163PG SAMSUNG-K4X56163PG Datasheet
217Kb / 23P
16M x16 Mobile-DDR SDRAM
logo
Hynix Semiconductor
H5MS5162DFR-E3M HYNIX-H5MS5162DFR-E3M Datasheet
1Mb / 62P
512Mb (32Mx16bit) Mobile DDR SDRAM
logo
Micron Technology
MT46V16M16CV-6ITK MICRON-MT46V16M16CV-6ITK Datasheet
4Mb / 91P
256Mb: x4, x8, x16 DDR SDRAM Features
MT46V32M16P-5BITF MICRON-MT46V32M16P-5BITF Datasheet
3Mb / 91P
512Mb: x4, x8, x16 DDR SDRAM Features
MT46V64M8P-5BF MICRON-MT46V64M8P-5BF Datasheet
1Mb / 93P
512Mb: x4, x8, x16 Double Data Rate (DDR) SDRAM SDRAM Features
logo
Nanya Technology Corpor...
NT6DM32M16BD NANYA-NT6DM32M16BD Datasheet
4Mb / 81P
Commercial and Industrial Mobile DDR 512Mb SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com