Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-333J Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPL-333J Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPL-333J
Download  ACPL-333J Download
File Size   304.41 Kbytes
Page   23 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated

ACPL-333J Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-333J Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-333J
Download  ACPL-333J Click to download

File Size   304.41 Kbytes
Page   23 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated

ACPL-333J Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPL-333J Product details

Description

The ACPL-333J is an advanced 2.5 A output current, easy-to-use, intelligent gate drivers which make IGBT VCE fault protection compact, affordable, and easy-to implement. Features such as integrated VCE detection, under voltage lockout (UVLO), “soft” IGBT turn-off, isolated open collector fault feedback, active Miller clamping and Auto fault reset provide maximum design flexibility and circuit protection.

The ACPL-333J contains a AlGaAs LED. The LED is optically coupled to an integrated circuit with a power output stage. ACPL-333J are ideally suited for driving power IGBTs and MOSFETs used in motor control inverter applications. The voltage and current supplied by these optocouplers make them ideally suited for directly driving IGBTs with ratings up to 1200 V and 150 A. For IGBTs with higher ratings, the ACPL-333J can be used to drive a discrete power stage which drives the IGBT gate. The ACPL-333J have an insulation voltage of VIORM = 1230 VPEAK.



Features

• 2.5 A maximum peak output current

• 2.0 A minimum peak output current

• 250 ns maximum propagation delay over temperature range

• 1.7A Active Miller Clamp.Clamp pin short to VEE if not used

• Desaturation Detection

• Under Voltage Lock-Out Protection (UVLO) with Hysteresis

• Open Collector Isolated fault feedback

• “Soft” IGBT Turn-off

• Automatic Fault Reset after fxed mute time , typical 26μs

• Available in SO-16 package

• 100 ns maximum pulse width distortion (PWD)

• 50 kV/μs minimum common mode rejection (CMR) at VCM = 1500 V

• ICC(max) < 5 mA maximum supply current

• Wide VCC operating range: 15 V to 30 V over temperature range

• Wide operating temperature range: –40°C to 105°C

• Safety approvals: UL approval, 5000 VRMS for 1 minute, CSA approval, IEC/EN/DIN-EN 60747-5-5 approval VIORM = 1230 VPEAK



Applications

• Isolated IGBT/Power MOSFET gate drive

• AC and brushless DC motor drives

• Industrial inverters and Uninterruptible Power Supply (UPS)



 




Similar Part No. - ACPL-333J

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-333J-500E AVAGO-ACPL-333J-500E Datasheet
300Kb / 22P
1.5 Amp Output Current IGBT Gate Driver Optocoupler
More results


Similar Description - ACPL-333J

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-J312 AVAGO-HCPL-J312 Datasheet
465Kb / 24P
2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-500E AVAGO-HCPL-3120-500E Datasheet
409Kb / 25P
2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-300E AVAGO-HCPL-3120-300E Datasheet
465Kb / 24P
2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-000E AVAGO-HCPL-3120-000E Datasheet
465Kb / 24P
2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-T350 AVAGO-ACPL-T350 Datasheet
275Kb / 12P
2.5 Amp Output Current IGBT Gate Driver Optocoupler with Low ICC
ACPL-T350-300E AVAGO-ACPL-T350-300E Datasheet
275Kb / 12P
2.5 Amp Output Current IGBT Gate Driver Optocoupler with Low ICC
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-332J-500E AVAGO-ACPL-332J-500E Datasheet
299Kb / 23P
2.5 Amp Output Current IGBT Gate Driver Optocoupler
ACPL-H342-000E AVAGO-ACPL-H342-000E Datasheet
707Kb / 19P
2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-3130-300E AVAGO-ACPL-3130-300E Datasheet
552Kb / 20P
Very High CMR 2.5 Amp Output Current IGBT Gate Driver Optocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com