Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C35F484C8N Datasheet (PDF) - Altera Corporation

EP2C35F484C8N Datasheet PDF - Altera Corporation
Part # EP2C35F484C8N
Download  EP2C35F484C8N Download
File Size   5764.72 Kbytes
Page   470 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Cyclone II Device Handbook, Volume 1

EP2C35F484C8N Datasheet (PDF)

Go To PDF Page Download Datasheet
EP2C35F484C8N Datasheet PDF - Altera Corporation

Part # EP2C35F484C8N
Download  EP2C35F484C8N Click to download

File Size   5764.72 Kbytes
Page   470 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Cyclone II Device Handbook, Volume 1

EP2C35F484C8N Datasheet (HTML) - Altera Corporation


EP2C35F484C8N Product details

Introduction
Following the immensely successful first-generation Cyclone® device family, Altera® Cyclone II FPGAs extend the low-cost FPGA density range to 68,416 logic elements (LEs) and provide up to 622 usable I/O pins and up to 1.1 Mbits of embedded memory. Cyclone II FPGAs are manufactured on 300-mm wafers using TSMCs 90-nm low-k dielectric process to ensure rapid availability and low cost.

Features The Cyclone II device family offers the following features:
■ High-density architecture with 4,608 to 68,416 LEs
    ● M4K embedded memory blocks
    ● Up to 1.1 Mbits of RAM available without reducing available logic
    ● 4,096 memory bits per block (4,608 bits per block including 512 parity bits)
    ● Variable port configurations of ×1, ×2, ×4, ×8, ×9, ×16, ×18, ×32, and ×36
    ● True dual-port (one read and one write, two reads, or two writes) operation for ×1, ×2, ×4, ×8, ×9, ×16, and ×18 modes
    ● Byte enables for data input masking during writes
    ● Up to 260-MHz operation
■ Embedded multipliers
    ● Up to 150 18- × 18-bit multipliers are each configurable as two independent 9- × 9-bit multipliers with up to 250-MHz performance
    ● Optional input and output registers
■ Advanced I/O support
    ● High-speed differential I/O standard support, including LVDS, RSDS, mini-LVDS, LVPECL, differential HSTL, and differential SSTL
    ● Single-ended I/O standard support, including 2.5-V and 1.8-V, SSTL class I and II, 1.8-V and 1.5-V HSTL class I and II, 3.3-V PCI and PCI-X 1.0, 3.3-, 2.5-, 1.8-, and 1.5-V LVCMOS, and 3.3-, 2.5-, and 1.8-V LVTTL
    ● Peripheral Component Interconnect Special Interest Group (PCI SIG) PCI Local Bus Specification, Revision 3.0 compliance for 3.3-V operation at 33 or 66 MHz for 32- or 64-bit interfaces
    ● PCI Express with an external TI PHY and an Altera PCI Express ×1 Megacore® function
    ● 133-MHz PCI-X 1.0 specification compatibility
    ● High-speed external memory support, including DDR, DDR2, and SDR SDRAM, and QDRII SRAM supported by drop in Altera IP MegaCore functions for ease of use
    ● Three dedicated registers per I/O element (IOE): one input register, one output register, and one output-enable register
    ● Programmable bus-hold feature
    ● Programmable output drive strength feature
    ● Programmable delays from the pin to the IOE or logic array
    ● I/O bank grouping for unique VCCIO and/or VREF bank settings
    ● MultiVolt™ I/O standard support for 1.5-, 1.8-, 2.5-, and 3.3-interfaces
    ● Hot-socketing operation support
    ● Tri-state with weak pull-up on I/O pins before and during configuration
    ● Programmable open-drain outputs
    ● Series on-chip termination support
(Continue ...)




Similar Part No. - EP2C35F484C8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C35 ALTERA-EP2C35 Datasheet
3Mb / 54P
SECTION IV. I/O STANDARDS
EP2C35 ALTERA-EP2C35 Datasheet
157Kb / 7P
Cyclone Series Device Thermal Resistance
EP2C35 ALTERA-EP2C35 Datasheet
456Kb / 34P
1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2C35 ALTERA-EP2C35 Datasheet
2Mb / 182P
Package Information Datasheet for Mature Altera Devices
EP2C35 ALTERA-EP2C35 Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
More results


Similar Description - EP2C35F484C8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C6F256C8N ALTERA-EP1C6F256C8N Datasheet
5Mb / 385P
Cyclone Device Handbook, Volume 1
EP2C5Q208I8N ALTERA-EP2C5Q208I8N Datasheet
5Mb / 470P
Cyclone II Device Handbook, Volume 1
EP2C5T144I8N ALTERA-EP2C5T144I8N Datasheet
5Mb / 470P
Cyclone II Device Handbook, Volume 1
EP2C8F256C8 ALTERA-EP2C8F256C8 Datasheet
5Mb / 470P
Cyclone II Device Handbook, Volume 1
EP2C8T144C8N ALTERA-EP2C8T144C8N Datasheet
5Mb / 470P
Cyclone II Device Handbook, Volume 1
EP2C8T144I8N ALTERA-EP2C8T144I8N Datasheet
5Mb / 470P
Cyclone II Device Handbook, Volume 1
EP2S180F1020C4 ALTERA-EP2S180F1020C4 Datasheet
5Mb / 768P
Stratix II Device Handbook, Volume 1
logo
List of Unclassifed Man...
EP1C12F256I7N ETC2-EP1C12F256I7N Datasheet
5Mb / 385P
Cyclone Device Handbook, Volume 1
logo
Altera Corporation
EP4CE30F29C7N ALTERA-EP4CE30F29C7N Datasheet
16Mb / 488P
Cyclone IV Device Handbook, Volume 1
C5V1-2.4 ALTERA-C5V1-2.4 Datasheet
2Mb / 385P
Cyclone Device Handbook, Volume 1
May 2008
More results




About Altera Corporation


Altera Corporation was an American manufacturer of programmable logic devices (PLDs), reconfigurable complex digital circuits. It was acquired by Intel Corporation in 2015 and is now a subsidiary of Intel.

Founded in 1983, Altera was one of the pioneers in the field of programmable logic, offering a range of PLD products including field-programmable gate arrays (FPGAs), complex programmable logic devices (CPLDs), and specialized chips for digital signal processing and memory interface functions. The company's products were used in a variety of applications including communication systems, industrial automation, medical equipment, and military systems.

Altera was known for its innovation in the PLD market, including the development of high-density FPGAs and low-power, high-performance CPLDs. With its acquisition by Intel, Altera continues to provide PLD solutions for its customers, leveraging the resources and technology of one of the world's largest technology companies.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com