Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1774 Datasheet (PDF) - Rohm

2SA1774 Datasheet PDF - Rohm
Part # 2SA1774
Download  2SA1774 Download
File Size   646.05 Kbytes
Page   13 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -150mA -50V General Purpose Transistors

2SA1774 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1774 Datasheet PDF - Rohm

Part # 2SA1774
Download  2SA1774 Click to download

File Size   646.05 Kbytes
Page   13 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -150mA -50V General Purpose Transistors

2SA1774 Datasheet (HTML) - Rohm




Similar Part No. - 2SA1774

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SA1774 ONSEMI-2SA1774 Datasheet
96Kb / 6P
PNP GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
1996 REV 1
logo
Rohm
2SA1774 ROHM-2SA1774 Datasheet
76Kb / 3P
General Purpose Transistor
logo
Weitron Technology
2SA1774 WEITRON-2SA1774 Datasheet
330Kb / 5P
PNP General Purpose Transistors
logo
ON Semiconductor
2SA1774 ONSEMI-2SA1774 Datasheet
53Kb / 4P
PNP Silicon General Purpose Amplifier Transistor
May, 2006 ??Rev. 6
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
GENERAL PURPOSE TRANSISTOR
More results


Similar Description - 2SA1774

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA2029 ROHM-2SA2029 Datasheet
2Mb / 16P
General Purpose Transistor (-50V, -150mA)
2SA1576U3HZG ROHM-2SA1576U3HZG Datasheet
1Mb / 10P
General Purpose Transistor (-50V, -150mA)
2SC4081U3HZG ROHM-2SC4081U3HZG Datasheet
1Mb / 10P
General purpose small signal amplifier(50V, 150mA)
logo
AiT Semiconductor Inc.
2SC2712 AITSEMI-2SC2712 Datasheet
644Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN 150mW 150mA 50V
C945L AITSEMI-C945L Datasheet
456Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
logo
Rohm
2SA1774E3HZG ROHM-2SA1774E3HZG Datasheet
1Mb / 9P
General Purpose Transistor (-50V, -150mA)
20220607 - Rev.001
2SC4617E3HZG ROHM-2SC4617E3HZG Datasheet
1Mb / 9P
General purpose small signal amplifier (50V,150mA)
20220607 - Rev.001
2SC2412KFRA ROHM-2SC2412KFRA Datasheet
1Mb / 9P
General purpose small signal amplifier(50V, 150mA)
20151009 - Rev.001
2SC4081FRA ROHM-2SC4081FRA Datasheet
1Mb / 9P
General purpose small signal amplifier(50V, 150mA)
20151009 - Rev.001
2SD2654E3 ROHM-2SD2654E3 Datasheet
1Mb / 9P
General purpose Transistor (50V, 150mA)
20221201 - Rev.002
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com