Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD75019JPZ Datasheet (PDF) - Analog Devices

AD75019JPZ Datasheet PDF - Analog Devices
Part # AD75019JPZ
Download  AD75019JPZ Download
File Size   76.3 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16 3 16 Crosspoint Switch Array

AD75019JPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD75019JPZ Datasheet PDF - Analog Devices

Part # AD75019JPZ
Download  AD75019JPZ Click to download

File Size   76.3 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16 3 16 Crosspoint Switch Array

AD75019JPZ Datasheet (HTML) - Analog Devices


AD75019JPZ Product details

PRODUCT DESCRIPTION
The AD75019 contains 256 analog switches in a 16 × 16 array. Any of the X or Y pins may serve as an input or output. Any or all of the X terminals may be programmed to connect to any or all of the Y terminals. The switches can accommodate signals with amplitudes up to the supply rails and have a typical on resistance of 150 Ω.

FEATURES
   256 Switches in a 16 3 16 Array
   Wide Signal Range: to Supply Rails of 24 V or 612 V
   Low On-Resistance: 200 V Typ
   TTL/CMOS/Microprocessor-Compatible Control Lines
   Serial Input Simplifies Interface
   Serial Output Allows Cascading for More Channels
   Low Power Consumption: 2 mW Quiescent
   Compact 44-Lead PLCC




Similar Part No. - AD75019JPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD75019JP AD-AD75019JP Datasheet
72Kb / 4P
16 x 16 Crosspoint Switch Array
More results


Similar Description - AD75019JPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD75019 AD-AD75019 Datasheet
72Kb / 4P
16 x 16 Crosspoint Switch Array
AD8116 AD-AD8116 Datasheet
287Kb / 26P
200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV.A
AD8113JST AD-AD8113JST Datasheet
1Mb / 28P
Audio/Video 60 MHz 16 X 16, G = 2 Crosspoint Switch
4/03-Data Sheet changed from REV. 0 to REV. A.
ADN4604 AD-ADN4604 Datasheet
1Mb / 40P
4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
ADV3226 AD-ADV3226 Datasheet
606Kb / 24P
750 MHz, 16 x 16 Analog Crosspoint Switch
REV. 0
AD8113JSTZ AD-AD8113JSTZ Datasheet
1Mb / 28P
Audio/Video 60 MHz 16  16, G = 2 Crosspoint Switch
REV. A
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
AD75019 AD-AD75019_15 Datasheet
76Kb / 4P
Crosspoint Switch Array
REV. C
logo
Maxim Integrated Produc...
MAX9675 MAXIM-MAX9675 Datasheet
802Kb / 27P
110MHz, 16 x 16 Video Crosspoint Switch with Programmable Gain
Rev 0; 7/08
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com