Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP431AG Datasheet (PDF) - Advanced Power Electronics Corp.

AP431AG Datasheet PDF - Advanced Power Electronics Corp.
Part # AP431AG
Download  AP431AG Download
File Size   216.97 Kbytes
Page   10 Pages
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.
Description ADJUSTABLE PRECISION SHUNT REGULATOR

AP431AG Datasheet (PDF)

Go To PDF Page Download Datasheet
AP431AG Datasheet PDF - Advanced Power Electronics Corp.

Part # AP431AG
Download  AP431AG Click to download

File Size   216.97 Kbytes
Page   10 Pages
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.
Description ADJUSTABLE PRECISION SHUNT REGULATOR

AP431AG Datasheet (HTML) - Advanced Power Electronics Corp.


AP431AG Product details

Description
The AP431A are 3-terminal adjustable precision shunt regulators with guaranteed temperature stability over the applicable extended commercial temperature range. The output voltage may be set at any level greater than 2.495V(VREF) up to 36V merely by selecting two external resistors that act as a voltage divider network. These devices have a typical output impedance of 0.2Ω. Active output circuitry provides very sharp turn-on characteristics, making these devices excellent improved replacements for Zener diodes in many applications. The precise (+/-) 1% Reference voltage tolerance of the AP431A make it possible in many applications to avoid the use of a variable resistor, consequently saving cost and eliminating drift and reliability problems associated with it.

Features
• Precision reference voltage
   AP431A : 2.495V ± 0.5%
• Sink current capability: 200mA
• Minimum cathode current for regulation: 300μA
• Equivalent full-range temp coefficient: 30 ppm/°C
• Fast turn-on response
• Low dynamic output impedance: 0.2Ω
• Programmable output voltage to 36V
• Low output noise.
• Packages: TO-92,SOT-23, SOT-25 and SOP-8 SOT-89
• RoHS Compliant & Halogen Free Product




Similar Part No. - AP431AG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP431AG-13 DIODES-AP431AG-13 Datasheet
285Kb / 14P
ADJUSTABLE PRECISION SHUNT REGULATOR
AP431/AP431A Rev. 5
AP431AG-7 DIODES-AP431AG-7 Datasheet
285Kb / 14P
ADJUSTABLE PRECISION SHUNT REGULATOR
AP431/AP431A Rev. 5
AP431AG-A DIODES-AP431AG-A Datasheet
285Kb / 14P
ADJUSTABLE PRECISION SHUNT REGULATOR
AP431/AP431A Rev. 5
AP431AG-B DIODES-AP431AG-B Datasheet
285Kb / 14P
ADJUSTABLE PRECISION SHUNT REGULATOR
AP431/AP431A Rev. 5
More results


Similar Description - AP431AG

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com