Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMHA281R4V Datasheet (PDF) - Fairchild Semiconductor

HMHA281R4V Datasheet PDF - Fairchild Semiconductor
Part # HMHA281R4V
Download  HMHA281R4V Download
File Size   533.47 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description HALF PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS

HMHA281R4V Datasheet (PDF)

Go To PDF Page Download Datasheet
HMHA281R4V Datasheet PDF - Fairchild Semiconductor

Part # HMHA281R4V
Download  HMHA281R4V Click to download

File Size   533.47 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description HALF PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS

HMHA281R4V Datasheet (HTML) - Fairchild Semiconductor


HMHA281R4V Product details

DESCRIPTION

The HMHA281, HMHA2801 Series consists of a gallium arsenide infrared emitting diode driving a silicon phototransistor in a compact 4-pin mini-flat package. The lead pitch is 1.27 mm.

The HMHAA280 series consists of two gallium arsenide infrared emitting diodes, connected in inverse

parallel, driving a single silicon phototransistor in a compact 4-pin mini-flat package. The lead pitch is 1.27mm.



FEATURES

• Compact 4-pin package(2.4 mm maximum standoff height)

• Half pitch leads for optimum board space savings

• Current Transfer Ratio in selected groups

   HMHA2801: 80-600%

   HMHA2801A: 80-160%

   HMHA2801B: 50-150%

   HMHA2801C: 50-100%

   HMHA281: 50-600%

   HMHAA280: 50-600%

• Available in tape and reel quantities of 500 and 2500

• Applicable to Infrared Ray reflow (230°C Max, 30 seconds)

• BSI (File #8611/8612), CSA (File #1201524), UL (File #E90700) and VDE (File #136480) certified





APPLICATIONS

HMHAA280

• AC line monitor

• Unknown polarity DC sensor

• Telephone line receiver



HMHA281, HMHA2801 Series

• Digital logic inputs

• Microprocessor inputs

• Power supply monitor

• Twisted pair line receiver

• Telephone line receiver




Similar Part No. - HMHA281R4V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HMHA281 FAIRCHILD-HMHA281 Datasheet
510Kb / 9P
Half Pitch Mini-Flat Package 4-Pin Optocouplers
logo
ON Semiconductor
HMHA281 ONSEMI-HMHA281 Datasheet
231Kb / 9P
4-Pin Half-Pitch Mini-Flat Phototransistor Optocouplers
August, 2018 ??Rev. 6
More results


Similar Description - HMHA281R4V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HMA121 FAIRCHILD-HMA121 Datasheet
502Kb / 10P
FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
FODM121 FAIRCHILD-FODM121 Datasheet
634Kb / 10P
4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
HMHAA280 FAIRCHILD-HMHAA280_06 Datasheet
510Kb / 9P
Half Pitch Mini-Flat Package 4-Pin Optocouplers
FODM124R2V FAIRCHILD-FODM124R2V Datasheet
1Mb / 11P
4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2705R1 FAIRCHILD-FODM2705R1 Datasheet
632Kb / 10P
4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2701R2 FAIRCHILD-FODM2701R2 Datasheet
1Mb / 11P
4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2705R2 FAIRCHILD-FODM2705R2 Datasheet
1Mb / 11P
4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR1 FAIRCHILD-FODM121AR1 Datasheet
632Kb / 10P
4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121BR2 FAIRCHILD-FODM121BR2 Datasheet
1Mb / 11P
4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
logo
ON Semiconductor
HMHA281 ONSEMI-HMHA281 Datasheet
231Kb / 9P
4-Pin Half-Pitch Mini-Flat Phototransistor Optocouplers
August, 2018 ??Rev. 6
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com