Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP56T1G Datasheet (PDF) - ON Semiconductor

BCP56T1G Datasheet PDF - ON Semiconductor
Part # BCP56T1G
Download  BCP56T1G Download
File Size   161.78 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description NPN Silicon Epitaxial Transistor

BCP56T1G Datasheet (PDF)

Go To PDF Page Download Datasheet
BCP56T1G Datasheet PDF - ON Semiconductor

Part # BCP56T1G
Download  BCP56T1G Click to download

File Size   161.78 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description NPN Silicon Epitaxial Transistor

BCP56T1G Datasheet (HTML) - ON Semiconductor


BCP56T1G Product details

NPN Silicon Epitaxial Transistor

These NPN Silicon Epitaxial transistors are designed for use in audio amplifier applications. The device is housed in the SOT−223 package, which is designed for medium power surface mount applications.

Features
• High Current: 1.0 A
• The SOT−223 package can be soldered using wave or reflow.
    The formed leads absorb thermal stress during soldering,
    eliminating the possibility of damage to the die
• Available in 12 mm Tape and Reel
   Use BCP56T1G to Order the 7 inch/1000 Unit Reel
   Use BCP56T3G to Order the 13 inch/4000 Unit Reel
• PNP Complement is BCP53T1G
• S and NSV Prefix for Automotive and Other Applications Requiring
   Unique Site and Control Change Requirements; AEC−Q101
   Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - BCP56T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BCP56T1G ONSEMI-BCP56T1G Datasheet
160Kb / 6P
NPN Silicon Epitaxial Transistor
November, 2011 ??Rev. 8
BCP56T1G ONSEMI-BCP56T1G Datasheet
74Kb / 5P
NPN Silicon Epitaxial Transistor
April, 2016 ??Rev. 12
logo
FuxinSemi All Rights Re...
BCP56T1G FUXINSEMI-BCP56T1G Datasheet
594Kb / 3P
TRANSISTOR (NPN)
Ver2.1
More results


Similar Description - BCP56T1G

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com