Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1199LF Datasheet (PDF) - CML Microcircuits

1199LF Datasheet PDF - CML Microcircuits
Part # 1199LF
Download  1199LF Download

File Size   30.66 Kbytes
Page   1 Pages
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits
Description T-1 1/2 (5mm) Lead-free Wedge base lamp 28V 40mA

1199LF Datasheet (PDF)

Go To PDF Page Download Datasheet
1199LF Datasheet PDF - CML Microcircuits

Part # 1199LF
Download  1199LF Click to download

File Size   30.66 Kbytes
Page   1 Pages
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits
Description T-1 1/2 (5mm) Lead-free Wedge base lamp 28V 40mA

1199LF Datasheet (HTML) - CML Microcircuits

1199LF Datasheet HTML 1Page - CML Microcircuits



Similar Part No. - 1199LF

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1199144 FESTO-1199144 Datasheet
96Kb / 1P
   Motor flange
1199152 FESTO-1199152 Datasheet
64Kb / 1P
   Axial kit
1/9/23
logo
PHOENIX CONTACT
1199811 PHOENIX-1199811 Datasheet
320Kb / 8P
   Communication module - IB IL DALI MM-V2-PAC
Jan 11, 2023
logo
Pentair plc. All rights...
11999 PENTAIR-11999 Datasheet
4Mb / 56P
   A minimum of 20 pounds (1.4 bar) of water pressure is required for regeneration valve to operate effectively
logo
PHOENIX CONTACT
1199929 PHOENIX-1199929 Datasheet
460Kb / 10P
   PCB header - PC 6/ 2-G-7,62 P26THRR56
Jul 20, 2022
More results


Similar Description - 1199LF

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM6502 CML-CM6502 Datasheet
222Kb / 1P
   T-1 1/2 Wedge Base
logo
CML Microcircuits
1112LF CMLMICRO-1112LF Datasheet
32Kb / 1P
   T-3 1/4(10mm) 12V 0.1A Lead-free Wedge base lamp
logo
Chicago Miniature Lamp,...
501XLF CML-501XLF Datasheet
66Kb / 1P
   T-3쩌 12V 5W Lead-free Wedge base lamp
1503XLF CML-1503XLF Datasheet
66Kb / 1P
   T-31/4 14V 3W Lead-free Wedge base lamp
CM11 CML-CM11 Datasheet
223Kb / 1P
   T-1 3/4 Wedge Base
logo
List of Unclassifed Man...
LE-0509-02B ETC2-LE-0509-02B Datasheet
186Kb / 1P
   T-3 1/4 24V WEDGE BASE LED
logo
Chicago Miniature Lamp,...
1260XLF CML-1260XLF Datasheet
70Kb / 1P
   T-31/4(10mm) Wedge base lamp
logo
CML Microcircuits
513LF CMLMICRO-513LF Datasheet
55Kb / 1P
   T-3쩌(10mm) Wedge base lamp 24V 2W
logo
Chicago Miniature Lamp,...
CM914 CML-CM914 Datasheet
223Kb / 1P
   T-5 Wedge Base
logo
Kingbright Corporation
L7113SEC-H KINGBRIGHT-L7113SEC-H Datasheet
60Kb / 3P
   T-1 3/4 (5mm) LED LAMP
More results




About CML Microcircuits


CML Microcircuits is a semiconductor company based in the United Kingdom that specializes in the design and manufacture of high-performance analog, mixed-signal, and radio frequency (RF) integrated circuits (ICs). The company was founded in 1968 and has since become a leading provider of ICs for the communications, industrial, and professional markets.

CML Microcircuits' products are used in a wide range of applications, including wireless communication systems, industrial automation, and test and measurement equipment. The company's ICs are known for their high quality, reliability, and performance, and are used by customers around the world.

CML Microcircuits has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the UK, USA, Singapore, and China, and serves customers in more than 50 countries worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com