Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE13001 Datasheet (PDF) - Micro Commercial Components

MJE13001 Datasheet PDF - Micro Commercial Components
Part # MJE13001
Download  MJE13001 Download
File Size   247.5 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon Plastic-Encapsulate Transistor

MJE13001 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE13001 Datasheet PDF - Micro Commercial Components

Part # MJE13001
Download  MJE13001 Click to download

File Size   247.5 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon Plastic-Encapsulate Transistor

MJE13001 Datasheet (HTML) - Micro Commercial Components


MJE13001 Product details

Features

• Capable of 1.0Watts of Power Dissipation.

• Collector-current 0.2A

• Collector-base Voltage 600V

• Operating and storage junction temperature range: -55OC to +150OC

• Marking: 13001

• Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)

•  Epoxy meets UL 94 V-0 flammability rating

•  Moisure Sensitivity Level 1




Similar Part No. - MJE13001

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13001 UTC-MJE13001 Datasheet
92Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Tiger Electronic Co.,Lt...
MJE13001 TGS-MJE13001 Datasheet
180Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
logo
Unisonic Technologies
MJE13001 UTC-MJE13001 Datasheet
219Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Tiger Electronic Co.,Lt...
MJE13001 TGS-MJE13001 Datasheet
180Kb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
Shenzhen SI Semiconduct...
MJE13001 SISEMIC-MJE13001 Datasheet
393Kb / 5P
NPN MJE SERIES TRANSISTORS
More results


Similar Description - MJE13001

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC3052 SECOS-2SC3052 Datasheet
352Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
A44 SECOS-A44 Datasheet
314Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
2SD669 MCC-2SD669 Datasheet
280Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MS8050-L MCC-MS8050-L Datasheet
224Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MMS9014-L MCC-MMS9014-L Datasheet
189Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE3055 MCC-MJE3055 Datasheet
246Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002 MCC-MJE13002 Datasheet
257Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002B MCC-MJE13002B Datasheet
182Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002B MCC-MJE13002B_13 Datasheet
236Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE13003B MCC-MJE13003B_13 Datasheet
264Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com