Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3899 Datasheet (PDF) - International Rectifier

IR3899 Datasheet PDF - International Rectifier
Part # IR3899_13
Download  IR3899 Download
File Size   2539.93 Kbytes
Page   45 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 9A Highly Integrated SupIRBuck Single.Input Voltage

IR3899 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR3899 Datasheet PDF - International Rectifier

Part # IR3899_13
Download  IR3899 Click to download

File Size   2539.93 Kbytes
Page   45 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 9A Highly Integrated SupIRBuck Single.Input Voltage

IR3899 Datasheet (HTML) - International Rectifier




Similar Part No. - IR3899_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR3899A INFINEON-IR3899A Datasheet
1Mb / 38P
9 A single-voltage synchronous Buck regulator
V 2.3 2022-07-25
IR3899AMTRPBF INFINEON-IR3899AMTRPBF Datasheet
1Mb / 38P
9 A single-voltage synchronous Buck regulator
V 2.3 2022-07-25
IR3899AMTRPBFXUMA1 INFINEON-IR3899AMTRPBFXUMA1 Datasheet
1Mb / 38P
9 A single-voltage synchronous Buck regulator
V 2.3 2022-07-25
logo
International Rectifier
IR3899M IRF-IR3899M Datasheet
2Mb / 45P
Single?륤nput Voltage, Synchronous Buck Regulator
IR3899MPBF IRF-IR3899MPBF Datasheet
2Mb / 43P
9A HIGHLY INTEGRATED SUPLRBUCK
More results


Similar Description - IR3899_13

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
12A Highly Integrated SupIRBuck IR3476 TM
IR3899 IRF-IR3899 Datasheet
2Mb / 43P
9A HIGHLY INTEGRATED SUPLRBUCK
IP1827 IRF-IP1827 Datasheet
2Mb / 39P
Highly Integrated 25A Single.input Voltage, Synchronous Buck Regulator
IR3473 IRF-IR3473 Datasheet
909Kb / 22P
6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3891 IRF-IR3891 Datasheet
1Mb / 47P
Dual output, 4A/Phase, Highly Integrated SupIRBuck
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
16A Highly Integrated SupIRBuck
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
6A Highly Integrated SupIRBuck
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com