Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF3546MTRPBF Datasheet (PDF) - International Rectifier

IRF3546MTRPBF Datasheet PDF - International Rectifier
Part # IRF3546MTRPBF
Download  IRF3546MTRPBF Download
File Size   358.98 Kbytes
Page   18 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 60A Dual Integrated Power Block

IRF3546MTRPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF3546MTRPBF Datasheet PDF - International Rectifier

Part # IRF3546MTRPBF
Download  IRF3546MTRPBF Click to download

File Size   358.98 Kbytes
Page   18 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 60A Dual Integrated Power Block

IRF3546MTRPBF Datasheet (HTML) - International Rectifier


IRF3546MTRPBF Product details

DESCRIPTION
The IRF3546 dual integrated Power Block copackages two pairs of high performance control and synchronous MOSFETs and is ideal for use in highdensity two-phase synchronous buck converters. It is optimized internally for PCB layout, heat transfer and package inductance. Coupled with the latest generation of IR MOSFET technology, the IRF3546 provides higher efficiency at low output voltages required by cutting edge CPU, GPU and DDR memory designs.

FEATURES
• Peak efficiency up to 94% at 1.2V
• Two pairs of control and synchronous MOSFETs in a single PQFN package
• Proprietary package minimizes package parasitic and simplifies PCB layout
• Input voltage (VIN) range of 4.5V to 21V
• Output current capability of 30A/phase
• Ultra-low Rg MOSFET technology minimizes switching losses for optimized high frequency performance
• Synchronous MOSFET with monolithic integrated Schottky diode reduces dead-time and diode reverse recovery losses
• Efficient dual side cooling
• Small 6mm x 8 mm x 0.9mm PQFN package
• Lead-free RoHS compliant package

APPLICATIONS
• High frequency, low profile DC-DC converters
• Voltage Regulators for CPUs, GPUs, and DDR memory arrays




Similar Part No. - IRF3546MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3546M IRF-IRF3546M_15 Datasheet
718Kb / 18P
60A Dual Integrated Power Block
More results


Similar Description - IRF3546MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3550 IRF-IR3550 Datasheet
837Kb / 22P
60A Integrated PowIRstage짰
IR3575 IRF-IR3575 Datasheet
900Kb / 23P
60A Exposed Top Integrated PowIRstage
logo
Molex Electronics Ltd.
39970-0111 MOLEX11-39970-0111 Datasheet
42Kb / 2P
10.16mm Beau Eurostyle Fixed Mount PCB Terminal Block, High Power 60A
logo
International Rectifier
IRF3546M IRF-IRF3546M_15 Datasheet
718Kb / 18P
60A Dual Integrated Power Block
IR3550 IRF-IR3550_15 Datasheet
941Kb / 22P
60A Integrated PowIRstage
IR3555 IRF-IR3555_15 Datasheet
81Kb / 1P
60A Integrated PowIRstage
IR3555A IRF-IR3555A_15 Datasheet
81Kb / 1P
60A Integrated PowIRstage
IR3575 IRF-IR3575_15 Datasheet
955Kb / 22P
60A Exposed Top Integrated PowIRstage
IR3579 IRF-IR3579_15 Datasheet
82Kb / 1P
60A Exposed-Top Integrated PowIRstage
IR3579A IRF-IR3579A_15 Datasheet
81Kb / 1P
60A Exposed-Top Integrated PowIRstage
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com