Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM37101RS-1.8 Datasheet (PDF) - HTC Korea TAEJIN Technology Co.

LM37101RS-1.8 Datasheet PDF - HTC Korea TAEJIN Technology Co.
Part # LM37101RS-1.8
Download  LM37101RS-1.8 Download
File Size   435.0 Kbytes
Page   11 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 1A Low-Voltage Low-Dropout Regulator

LM37101RS-1.8 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM37101RS-1.8 Datasheet PDF - HTC Korea TAEJIN Technology Co.

Part # LM37101RS-1.8
Download  LM37101RS-1.8 Click to download

File Size   435.0 Kbytes
Page   11 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 1A Low-Voltage Low-Dropout Regulator

LM37101RS-1.8 Datasheet (HTML) - HTC Korea TAEJIN Technology Co.


LM37101RS-1.8 Product details

DESCRIPTION

The LM37101/2 is 1A low-dropout linear voltage regulators that provide low-voltage, high-current output. The LM37101/2 offers extremely low dropout (typically 470mV at 1A) and low ground current (typically 12mA at 1A). The LM37101 and LM37102 are fixed and adjustable regulators, respectively, in SOP-8 and TO-252 Package.



FEATURES

• Fixed and adjustable output voltages to 1.24V

• 470mV typical dropout at 1A

   Ideal for 3.0V to 2.5V conversion

   Ideal for 2.5V to 1.8V or 1.5V conversion

• 1A minimum guaranteed output current

• 1% initial accuracy

• Low ground current

• Current limiting and thermal shutdown

• Reversed-battery protection

• Reversed-leakage protection

• Fast transient response

• Moisture Sensitivity Level 3



APPLICATION

• Battery Powered Equipments

• Motherboards and Graphic Cards

• Microprocessor Power Supplies

• Peripheral Cards

• High Efficiency Linear Regulators

• Battery Chargers



 




Similar Part No. - LM37101RS-1.8

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM37101RS-1.8V HTC-LM37101RS-1.8V Datasheet
697Kb / 13P
1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
More results


Similar Description - LM37101RS-1.8

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC39100 MICREL-MIC39100 Datasheet
102Kb / 12P
1A Low-Voltage Low-Dropout Regulator
logo
HTC Korea TAEJIN Techno...
LM39100 HTC-LM39100 Datasheet
325Kb / 9P
1A Low-Voltage Low-Dropout Regulator
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC39100 MICREL-MIC39100_05 Datasheet
453Kb / 12P
1A Low-Voltage Low-Dropout Regulator
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
1A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Unisonic Technologies
LM39102 UTC-LM39102_17 Datasheet
169Kb / 5P
1A LOW-VOLTAGE LOW-DROPOUT REGULATOR
logo
HTC Korea TAEJIN Techno...
LM37100 HTC-LM37100 Datasheet
697Kb / 13P
1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com