Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ20005 Datasheet (PDF) - Yea Shin Technology Co., Ltd

GBJ20005 Datasheet PDF - Yea Shin Technology Co., Ltd
Part # GBJ20005
Download  GBJ20005 Download
File Size   329.69 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description 20A GLASS PASSIVATED BRIDGE RECTIFIER

GBJ20005 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBJ20005 Datasheet PDF - Yea Shin Technology Co., Ltd

Part # GBJ20005
Download  GBJ20005 Click to download

File Size   329.69 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description 20A GLASS PASSIVATED BRIDGE RECTIFIER

GBJ20005 Datasheet (HTML) - Yea Shin Technology Co., Ltd


GBJ20005 Product details

FEATURES
• Glass Passivated Die Construction
• High Case Dielectric Strength of 1500VRMS
• Low Reverse Leakage Current
• Surge Overload Rating to 240A Peak
• Ideal for Printed Circuit Board Applications
• Plastic Material - UL Flammability
   Classification 94V-0
• UL Listed Under Recognized Component
   Index, File Number E94661
• High temperature soldering : 260OC / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS
   environment substance directive request




Similar Part No. - GBJ20005

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ20005 DIODES-GBJ20005 Datasheet
53Kb / 2P
20A GLASS PASSIVATED BRIDGE RECTIFIER
DS21220 Rev. D-2
logo
Micro Commercial Compon...
GBJ20005 MCC-GBJ20005 Datasheet
88Kb / 2P
20 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Sirectifier Semiconduct...
GBJ20005 SIRECTIFIER-GBJ20005 Datasheet
60Kb / 2P
Single Phase Bridge Rectifiers
logo
TAITRON Components Inco...
GBJ20005 TAITRON-GBJ20005 Datasheet
259Kb / 4P
Single-Phase Glass Passivated Bridge Rectifier
logo
MIC GROUP RECTIFIERS
GBJ20005 MIC-GBJ20005 Datasheet
56Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
More results


Similar Description - GBJ20005

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ20005 DIODES-GBJ20005 Datasheet
53Kb / 2P
20A GLASS PASSIVATED BRIDGE RECTIFIER
DS21220 Rev. D-2
GBJ20005 DIODES-GBJ20005_15 Datasheet
79Kb / 3P
20A GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
GBJ20A ZSELEC-GBJ20A Datasheet
63Kb / 2P
20A GLASS PASSIVATED BRIDGE RECTIFIER
GBJ20005 ZSELEC-GBJ20005 Datasheet
63Kb / 2P
20A GLASS PASSIVATED BRIDGE RECTIFIER
KBJ20A ZSELEC-KBJ20A Datasheet
101Kb / 2P
20A GLASS PASSIVATED BRIDGE RECTIFIER
KBJ20005 ZSELEC-KBJ20005 Datasheet
101Kb / 2P
20A GLASS PASSIVATED BRIDGE RECTIFIER
D20SB05 ZSELEC-D20SB05 Datasheet
93Kb / 2P
20A GLASS PASSIVATED BRIDGE RECTIFIER
RS2001M ZSELEC-RS2001M Datasheet
107Kb / 2P
20A GLASS PASSIVATED BRIDGE RECTIFIER
RS20005M ZSELEC-RS20005M Datasheet
119Kb / 2P
20A GLASS PASSIVATED BRIDGE RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com