Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KU3600N10D Datasheet (PDF) - KEC(Korea Electronics)

KU3600N10D Datasheet PDF - KEC(Korea Electronics)
Part # KU3600N10D
Download  KU3600N10D Download
File Size   562.5 Kbytes
Page   6 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description N CHANNEL TRENCH MOS FIELD EFFECT TRANSISTOR

KU3600N10D Datasheet (PDF)

Go To PDF Page Download Datasheet
KU3600N10D Datasheet PDF - KEC(Korea Electronics)

Part # KU3600N10D
Download  KU3600N10D Click to download

File Size   562.5 Kbytes
Page   6 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description N CHANNEL TRENCH MOS FIELD EFFECT TRANSISTOR

KU3600N10D Datasheet (HTML) - KEC(Korea Electronics)


KU3600N10D Product details

General Description
This Trench MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics. It is mainly suitable for LED Lighting and DC/DC Converters.

FEATURES
• VDSS(Min.)= 100V, ID= 5A
• Drain-Source ON Resistance : RDS(ON)=0.36 Ω (max) @VGS =10V
• Qg(typ.) =4.2nC




Similar Part No. - KU3600N10D

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KU3600N10W KEC-KU3600N10W Datasheet
607Kb / 6P
N CHANNEL TRENCH MOS FIELD EFFECT TRANSISTOR
KU3600N10WZ KEC-KU3600N10WZ Datasheet
1Mb / 6P
N CHANNEL TRENCH MOS FIELD
KU3600N10W KEC-KU3600N10W_15 Datasheet
607Kb / 6P
N CHANNEL TRENCH MOS FIELD EFFECT TRANSISTOR
More results


Similar Description - KU3600N10D

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
450Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KU3600N10W KEC-KU3600N10W Datasheet
607Kb / 6P
N CHANNEL TRENCH MOS FIELD EFFECT TRANSISTOR
KU3600N10W KEC-KU3600N10W_15 Datasheet
607Kb / 6P
N CHANNEL TRENCH MOS FIELD EFFECT TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com